Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 2Page - Texas Instruments AFE4490 Datasheet HTML 3Page - Texas Instruments AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
AFE4490
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications are at TA = –40°C to +85°C. Typical specifications are at +25°C.
All specifications are at RX_ANA_SUP = RX_DIG_SUP = 3 V, TX_CTRL_SUP = LED_DRV_SUP = 5 V, and fCLK = 8 MHz,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL OSCILLATOR
With an 8-MHz crystal connected to the XIN
fCLKOUT
CLKOUT frequency
4
MHz
and XOUT pins
DCCLKOUT
CLKOUT duty cycle
50%
With an 8-MHz crystal connected to the XIN
Crystal oscillator start-up time
200
µs
and XOUT pins
EXTERNAL CLOCK
Maximum allowable external clock jitter
50
ps
TIMING
Wake-up time from complete power-down
1000
ms
tRESET
Active low RESET pulse duration
1
µs
DIAG_END pulse duration at diagnostics
CLKOUT
tDIAGEND
4
completion
cycles
CLKOUT
tADCRDY
ADC_RDY pulse duration
1
cycles
DIGITAL SIGNAL CHARACTERISTICS
AFE_PDN, SPI CLK, SPI SIMO, SPI STE,
VIH
Logic high input voltage
0.75 × RX_DIG_SUP
V
RESET
AFE_PDN, SPI CLK, SPI SIMO, SPI STE,
VIL
Logic low input voltage
0.25 × RX_DIG_SUP
V
RESET
IIN
Logic input current
Digital inputs at VIH or VIL
0.1
µA
DIAG_END, LED_ALM, PD_ALM, SPI SOMI,
VOH
Logic high output voltage
RX_DIG_SUP – 0.1
V
ADC_RDY, CLKOUT
DIAG_END, LED_ALM, PD_ALM, SPI SOMI,
VOL
Logic low output voltage
0.1
V
ADC_RDY, CLKOUT
SUPPLY CURRENT
RX_ANA_SUP = 3.0 V, with 8-MHz clock
0.6
mA
running, Rx stage 2 disabled
Receiver analog supply current
RX_ANA_SUP = 3.0 V, with 8-MHz clock
0.7
mA
running, Rx stage 2 enabled
Receiver digital supply current
RX_DIG_SUP = 3.0 V
0.27
mA
LED_DRV
LED driver supply current
With zero LED current setting
55
µA
_SUP
TX_CTRL
Transmitter control supply current
15
µA
_SUP
Receiver current only
5
µA
(RX_ANA_SUP + RX_DIG_SUP)
Complete power-down
(using the AFE_PDN pin)
Transmitter current only
2
µA
(LED_DRV_SUP + TX_CTRL_SUP)
Receiver current only
Power-down Rx alone
220
µA
(RX_ANA_SUP + RX_DIG_SUP)
Transmitter current only
Power-down Tx alone
2
µA
(LED_DRV_SUP + TX_CTRL_SUP)
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com