Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 12Page - Texas Instruments AFE4490 Datasheet HTML 13Page - Texas Instruments AFE4490 Datasheet HTML 14Page - Texas Instruments AFE4490 Datasheet HTML 15Page - Texas Instruments AFE4490 Datasheet HTML 16Page - Texas Instruments AFE4490 Datasheet HTML 17Page - Texas Instruments AFE4490 Datasheet HTML 18Page - Texas Instruments AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
R
C
F ´
£
F
Rx Sample Time
10
LED2
SLED2
CONVLED2
Amb
Amb
SLED1_amb
SLED1
SLED2_amb
CONVLED1
CONVLED2_amb
CONVLED1_amb
LED1
Rx
Ambient-cancellation current can be set digitally using SPI interface.
CF
CF
RF
RF
CPD
+
TIA
+
Stage 2
Gain
RF
RF
+
Buffer
û ADC
ADC
ADC Clock
ADC Convert
ADC Output Rate
PRF Sa/sec
I-V Amplifier
Amb cancellation DAC
Buffer
Filter
ADC
Ambient
DAC
AFE4490
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
RECEIVER CHANNEL
This section describes the receiver channel functionality.
Receiver Front-End
The receiver consists of a differential current-to-voltage (I-V) transimpedance amplifier that converts the input
photodiode current into an appropriate voltage, as shown in Figure 27. The feedback resistor of the amplifier (RF)
is programmable to support a wide range of photodiode currents. Available RF values include: 1 MΩ, 500 kΩ,
250 k
Ω, 100 kΩ, 50 kΩ, 25 kΩ, and 10 kΩ.
Figure 27. Receiver Front-End
The RF amplifier and the feedback capacitor (CF) form a low-pass filter for the input signal current. Always ensure
that the low-pass filter has sufficiently high bandwidth (as shown by Equation 1) because the input current
consists of pulses. For this reason, the feedback capacitor is also programmable. Available CF values include:
5 pF, 10 pF, 25 pF, 50 pF, 100 pF, and 250 pF. Any combination of these capacitors can also be used.
(1)
The output voltage of the I-V amplifier includes the pleth component (the desired signal) and a component
resulting from the ambient light leakage. The I-V amplifier is followed by the second stage, which consists of a
current digital-to-analog converter (DAC) that sources the cancellation current and an amplifier that gains up the
pleth component alone. The amplifier has five programmable gain settings: 1, 1.5, 2, 3, and 4. The gained-up
pleth signal is then low-pass filtered (500-Hz bandwidth) and buffered before driving a 22-bit ADC. The current
DAC has a cancellation current range of 10 µA with 10 steps (1 µA each). The DAC value can be digitally
specified with the SPI interface.
The output of the ambient cancellation amplifier is separated into LED2 and LED1 channels. When LED2 is on,
the amplifier output is filtered and sampled on capacitor CR. Similarly, the LED1 signal is sampled on the CLED1
capacitor when LED1 is ON. In between the LED2 and LED1 pulses, the idle amplifier output is sampled to
estimate the ambient signal on capacitors CLED2_amb and CLED1_amb.
The sampling duration is termed the Rx sample time and is programmable for each signal, independently.
Sampling can start after the I-V amplifier output is stable (to account for LED and cable settling times). The Rx
sample time is used for all dynamic range calculations; the minimum time supported is 50 µs.
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com