Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 17 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 17 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 13Page - Agere Systems ORLI10G Datasheet HTML 14Page - Agere Systems ORLI10G Datasheet HTML 15Page - Agere Systems ORLI10G Datasheet HTML 16Page - Agere Systems ORLI10G Datasheet HTML 17Page - Agere Systems ORLI10G Datasheet HTML 18Page - Agere Systems ORLI10G Datasheet HTML 19Page - Agere Systems ORLI10G Datasheet HTML 20Page - Agere Systems ORLI10G Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
Agere Systems Inc.
17
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Transmit Path Details
In the transmit path, the ORLI10G embedded core can
be broken down into three sections: the multiplexer, the
transmit side onboard PLLs, and the high-speed line
interface. Note that both transmit and receive PLLs are
in addition to the four programmable PLLs (PPLLs) in
the FPGA portion of the ORLI10G.
MUX
The multiplexer takes data from the FPGA logic and
multiplexes the data to rates for transfer by the high-
speed line interface. The multiplexer supports two
modes of operation:
s
Multiplex-by-8
The multiplexer converts the incoming 128 bits of data
at 78 Mbits/s to 106 Mbits/s into 16 bits at 622 Mbits/s
to 850 Mbits/s. The incoming transmit reference clock
is divided by 8.
s
Multiplex-by-4
10G (or single channel): The multiplexer converts the
incoming 64 bits of data at 156 Mbits/s to 212 Mbits/s
into 16 bits at 622 Mbits to 850 Mbits/s. The transmit
reference clock is divided by 4.
Onboard Transmit PLLs
The function of the onboard PLLs is to align the system
data with the line data which will be at a slightly higher
rate owing to the addition of the overhead bits. There
are two PLLs on the transmit path. The input to the first
PLL, TX1_PLL (see Figure 4), is the divided down
transmit reference clock from the multiplexer. The
TX1_PLL generates a clock with a user-defined fre-
quency ratio of M/N to the divided clock. This clock
would generally be used to compensate for different
data rates due to overhead bits. M and N can be inde-
pendently set from 1 to 8.
The TX2_PLL also takes its input reference from the
divided down reference clock and is used to provide a
balanced divided clock across the FPGA-embedded
core interface.
Both PLLs have delay loops which compensate for
routing delays to the embedded core/FPGA logic inter-
face for minimum clock skew.
In addition, the user can specify an additional skew on
each clock in increments of 1/8 the clock period.
The selection of the MUX width (and corresponding
clock division value), the TX1_PLL M and N values,
and the additional skew for TX1_PLL and TX2_PLL are
specified by the user in a GUI interface provided in the
ORLI10G design kit.
A detailed block diagram of the transmit path in shown
in Figure 4. In 10 Gbit mode, either TX1_VCOP or
TX2_VCOP must be used to clock TX_DAT_IN[127:0]
that is transmitted to the embedded block. These PLLs
can also be bypassed, where the divided transmit ref-
erence clock is sent directly to the FPGA. In 2.5 Gbit
mode, TX_CLK8_IN[3:0] is used to clock data transmit-
ted to the embedded block.
Line Interface
In the transmit path, 16-bit data and associated clocks
are outputs from the line interface. Typical data rates
are expected to range from 622 Mbits/s to 850 Mbits/s
for most applications. The 16-bit LVDS output data bus
is actually composed of four 4-bit data buses with one
clock for each 4-bit data bus. On the transmit side,
these clocks will all be synchronized. The ORLI10G
uses LVDS (low-voltage differential signaling)
drivers/receivers, which are intended to provide point-
to-point connection between the ORLI10G and optical
transceiver (MUX/deMUX) parts. The LVDS drivers are
hot-swap compatible and can connect to other
vendor’s LVDS I/O buffers. The LVDS drivers are
terminated with a 100
Ω resistor to improve
performance.
The transmit line interface on the ORLI10G can con-
nect to devices that are compliant to either the XSBI
standard or the SFI-4 standard. The major difference
for these standards is that for XSBI, the least signifi-
cant bit [0] is transferred first after serialization by the
external MUX device, whereas SFI-4 transmits the
most significant bit first. In some cases, bits [15:0] on
the ORLI10G should be connect to bits [0:15] on the
device to which the ORLI10G device interfaces to. An
example of this is the PCS IP core in the ORLI10G
when the ORLI10G is connected to an XSBI version
2.1 device.
It should be noted that IEEE 802.3ae version 3.1
swaps XSBI so that the most significant bit is trans-
ferred first, thus requiring that bits [0:15] on the
ORLI10G be connected directly to bits [0:15] on the
XSBI device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com