Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 45 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 45 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 41Page - Agere Systems ORLI10G Datasheet HTML 42Page - Agere Systems ORLI10G Datasheet HTML 43Page - Agere Systems ORLI10G Datasheet HTML 44Page - Agere Systems ORLI10G Datasheet HTML 45Page - Agere Systems ORLI10G Datasheet HTML 46Page - Agere Systems ORLI10G Datasheet HTML 47Page - Agere Systems ORLI10G Datasheet HTML 48Page - Agere Systems ORLI10G Datasheet HTML 49Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
Agere Systems Inc.
45
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Pin Information (continued)
This table describes the I/O signal ports on the embedded core portion of the device.
Table 17. FPSC Function Pin Description
Symbol
I/O
Description
Control and Global Pins
PLL_BYPASS
I
3.3 V active-high. Enables the bypass mode for both receive and both transmit
PLLs.
PWRDN
I
3.3 V active-high. Power down all LVDS links and both receive and both transmit
PLLs.
RESET_RX
I
3.3 V active-high. Resets the receive PLLs and the demultiplexer block.
RESET_TX
I
3.3 V active-high. Resets the transmit PLLs and the multiplexer block.
Receive I/O Pins
RX_DAT_IN_N<15:0>
I
LVDS data input for receive side.
RX_DAT_IN_P<15:0>
I
LVDS data input for receive side.
RX_CLK_IN_N<3:0>
I
LVDS clock inputs for receive side.
RX_CLK_IN_P<3:0>
I
LVDS clock inputs for receive side.
Transmit I/O Pins
TX_DAT_OUT_N<15:0>
O
LVDS data outputs on transmit side.
TX_DAT_OUT_N<15:0>
O
LVDS data outputs on transmit side.
TX_CLK_OUT_N<3:0>
O
LVDS clock outputs on transmit side.
TX_CLK_OUT_N<3:0>
O
LVDS clock outputs on transmit side.
TX_CLK_IN_N
I
LVDS transmit reference clock input.
TX_CLK_IN_P
I
LVDS transmit reference clock input.
LVDS Input Reference Pins
LV_REF10
—
LVDS reference voltage: 1.0 V ± 3%.
LV_REF14
—
LVDS reference voltage: 1.4 V ± 3%.
LV_RESHI
—
LVDS resistor high pin (use 100
Ω to LV_RESLO pin).
LV_RESLO
—
LVDS resistor low pin (use 100
Ω to LV_RESHI pin).
LVCTAP_[6:1]
—
LVDS input centertap (use 0.01 µF to GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com