Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 38 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 38 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 34Page - Agere Systems ORLI10G Datasheet HTML 35Page - Agere Systems ORLI10G Datasheet HTML 36Page - Agere Systems ORLI10G Datasheet HTML 37Page - Agere Systems ORLI10G Datasheet HTML 38Page - Agere Systems ORLI10G Datasheet HTML 39Page - Agere Systems ORLI10G Datasheet HTML 40Page - Agere Systems ORLI10G Datasheet HTML 41Page - Agere Systems ORLI10G Datasheet HTML 42Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 72 page
background image
38
Agere Systems Inc.
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Timing Characteristics
Receive Input Data Interface
Receive STS-48/STS-192 (2.5G/10G) Data Inputs
Figure 18 illustrates the timing for the receive STS-48/STS-192 data stream. Both the clock and data pins are low-
voltage differential signal (LVDS) input buffers. The expected clock rate is 622 MHz—850 MHz, and the receive
data is clocked on the rising edge of the clock. In 2.5G mode, each of the four channels uses one set of
RX_CLK_INn and 4 RX_DAT_INn data pins. In 10G mode, only RX_CLK_IN0 is used, along with the
RX_DAT_IN[15:0] pins.
5-9085.b (F)
Figure 18. Receive Input Data Timing
Table 14. Receive Data Input Timing
It is recommended that the Rx clock be inverted by crossing the LVDS pin pair, that is, connect the N to the P and
the P to the N. This is because the embedded LI requires the Rx data to be centered on the Rx clock, and typically
the devices that drive the ORLI10G transmit clock and data on the same clock edge. The timing values for the
diagram are given in Table 14.
Symbol
Parameter
–1
–2
–3Unit
Min
Max
Min
Max
Min
Max
t1
Clock Frequency
—
667
—
790
—
850
MHz
t2
Data Setup Time Required
300
—
225
—
210
—
ps
t3
Data Hold Time Required
300
—
225
—
210
—
ps
RX_CLK_IN_[3:0]
RX_DATA_IN_[15:0]
P
N
P
N
t1
t3
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com