Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 71 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 71 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 64Page - Agere Systems ORLI10G Datasheet HTML 65Page - Agere Systems ORLI10G Datasheet HTML 66Page - Agere Systems ORLI10G Datasheet HTML 67Page - Agere Systems ORLI10G Datasheet HTML 68Page - Agere Systems ORLI10G Datasheet HTML 69Page - Agere Systems ORLI10G Datasheet HTML 70Page - Agere Systems ORLI10G Datasheet HTML 71Page - Agere Systems ORLI10G Datasheet HTML 72Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
Agere Systems Inc.
71
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Hardware Ordering Information
5-6435 (F).Q
ORLI10G, –1 speed grade, 680-pin plastic ball grid array multilayer (PBGAM).
Table 24. Device Type Options
Table 25. Temperature Options
Table 26. Package Options
Table 27. Package Matrix (Speed Grade)
Software Ordering Information
Implementing a design in an ORLI10G FPSC requires the ORCA Foundry development system and an ORLI10G
design kit. For ordering information please visit:
http://www.agere.com/micro/netcom/ipkits
Device
Voltage
ORLI10G
1.5 V internal
Symbol
Description
Temperature
(Blank)
Industrial
–40 °C to +85 °C
Symbol
Description
BM
Plastic Ball Grid Array, Multilayer (PBGAM)
Devices
416-Pin
PBGAM
680-Pin
PBGAM
ORLI10G
–1, –2, –3
–1, –2, –3
DEVICE TYPE
PACKAGE TYPE
ORLI10G -1 BM
NUMBER OF PINS
680
SPEED GRADE
TEMPERATURE RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com