Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 39 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 39 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 35Page - Agere Systems ORLI10G Datasheet HTML 36Page - Agere Systems ORLI10G Datasheet HTML 37Page - Agere Systems ORLI10G Datasheet HTML 38Page - Agere Systems ORLI10G Datasheet HTML 39Page - Agere Systems ORLI10G Datasheet HTML 40Page - Agere Systems ORLI10G Datasheet HTML 41Page - Agere Systems ORLI10G Datasheet HTML 42Page - Agere Systems ORLI10G Datasheet HTML 43Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Agere Systems Inc.
39
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Timing Characteristics (continued)
Transmit STS-48/STS-192 (2.5G/10G) Data Outputs
Figure 19 illustrates the timing for the transmit STS-48/STS-192 data stream. Both the clock and data pins are
driven with low-voltage differential signal (LVDS) output buffers. The expected clock rate is 622 MHz—850 MHz
and the transmit data is clocked out on the rising edge of the clock. In 2.5G mode, each of the four channels uses
one set of TX_CLK_OUTn with four TX_DAT_OUTn data pins. In 10G mode, only TX_CLK_OUT[0] is used with
the 16 TX_DAT_OUT[15:0] pins. The timing values for the diagram are given in Table 15.
5-9089.c(F)
Figure 19. Transmit Output Data Timing
Table 15. Transmit Data Output Timing
* This requirement is for all sources of the output clocks (e.g., RCLKSI, etc.).
It is recommended that the Tx clock be inverted by crossing the LVDS pin pair, that is, connect the N to the P and
the P to the N. This is because the receiving device that will be driven by the ORLI10G typically requires that data
be centered around the clock, but the ORLI10G drives both the clock and data from the same clock edge.
Symbol
Parameter
–1
–2
–3Unit
Min
Max
Min
Max
Min
Max
t4
Clock Frequency
—
667
—
790
—
850
MHz
—
Duty Cycle
4555
4555
4555
%
t5
Data Delay from Clock Edge
–300
300
–225
225
–210
210
ps
t6
Data Rise Time: 20%—80%
100
200
100
200
100
200
ps
t7
Data Fall Time: 80%—20%
100
200
100
200
100
200
ps
t5
TX_DAT_OUT[15:0]
P
N
P
N
t6
t7
TX_CLK_OUT[3:0]
t4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com