Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 28 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 28 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 24Page - Agere Systems ORLI10G Datasheet HTML 25Page - Agere Systems ORLI10G Datasheet HTML 26Page - Agere Systems ORLI10G Datasheet HTML 27Page - Agere Systems ORLI10G Datasheet HTML 28Page - Agere Systems ORLI10G Datasheet HTML 29Page - Agere Systems ORLI10G Datasheet HTML 30Page - Agere Systems ORLI10G Datasheet HTML 31Page - Agere Systems ORLI10G Datasheet HTML 32Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 72 page
background image
28
Agere Systems Inc.
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
ORLI10G Multiplexer (Tx) Detail (continued)
1345(F)
Figure 12. Multiplexer Parallel-to-Serial Conversion—Divide by 4, 10G Mode
TX_CLK_IN
TX_CLK_OUT[3:0]
TX_DAT_IN
[63:32]
TX_DAT_IN
[31:0]
TX_ENB8_IN0
13579BDF
048 C 1908 0
0
159 D 3 B 2 A 0
0
26 A E 5 D 4 C 0
0
37 B F 7 F 6 E 0
0
00000000
01234567
0
02468ACE
00000000
89ABCDEF
0
TX_DAT_OUT
[15:12]
TX_DAT_OUT
[11:8]
TX_DAT_OUT
[3:0]
TX_DAT_OUT
[7:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com