Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 32 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 32 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 28Page - Agere Systems ORLI10G Datasheet HTML 29Page - Agere Systems ORLI10G Datasheet HTML 30Page - Agere Systems ORLI10G Datasheet HTML 31Page - Agere Systems ORLI10G Datasheet HTML 32Page - Agere Systems ORLI10G Datasheet HTML 33Page - Agere Systems ORLI10G Datasheet HTML 34Page - Agere Systems ORLI10G Datasheet HTML 35Page - Agere Systems ORLI10G Datasheet HTML 36Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
32
Agere Systems Inc.
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
ORLI10G Embedded Programmable PLLs Specifications
Table 2. Programmable PLL Specifications
Notes:
Multiplication and division values can both be used on one PLL output (example 3/4x).
For more information, see the Series 4 PLL Application Note.
ORLI10G Reset Requirements
Both the embedded core portion and the FPGA portion are reset at powerup. The embedded core is also reset, as
shown in Table 3, based on other conditions. For version 1 ORLI10G devices, these resets are all asynchronous
and must be held in reset for at least 8 ns. For version 2, the resets can also optionally be set to be asynchronous
on with synchronous release. Table 3 also shows the conditions upon which the I/O are 3-stated.
Table 3. ORLI10G Reset Requirements
Typically, the following reset sequence should be followed for the ORLI10G:
s
Place the device in reset by driving RESET_TX = 1, RESET_RX = 1, and by placing the FPGA portion into reset.
s
Release the embedded core from reset by driving RESET_TX = 0 and RESET_RX = 0.
s
Release the FPGA portion from reset.
Parameters
Min
Nom
Max
Unit
VDD15
1.425
1.5
1.575
V
VDD33
3.0
3.3
3.6
V
Operating Temperature
–40
—
125
°C
Input Clock Frequency
60
—
420
MHz
Input Duty Cycle
30
—
70
%
Input Clock Jitter Requirement
——
TBD
UIp-p
Input Jitter Transfer
——
TBD
UIp-p
Output Clock Frequency
60
—
420
MHz
Output Duty Cycle
45
50
55
%
dc Power Consumption
—
50
—
mW
Total On Current (dc)
—
14
—
mA
Total Off Current (dc)
—
30.0
—
pA
Cycle to Cycle Jitter (p-p)
—
<0.02
TBD
UIp-p
Period Jitter (p-p)
TBD
TBD
TBD
UIp-p
Duty Cycle Jitter (p-p)
TBD
TBD
TBD
UIp-p
VCO Output vs. VCOP Output Jitter
——
TBD
ps
Lock Time
—
<50
—
µS
Frequency Multiplication (TX1_PLL and RX1_PLL)
2x, 3x, 4x, 5x, 6x, 7x, 8x
—
Frequency Division (TX1_PLL and RX1_PLL)
1/8x, 1/7x, 1/6x, 1/5x, 1/4x, 1/3x, 1/2x
—
Duty Cycle Adjust of Output Clock(s)
12.5, 25, 37.5, 50, 62.5, 75, 87.5
%
Delay Adjust of Output Clock
0, 45, 90, 135, 180, 225, 270, 315
degrees
Phase Shift Between VCO and VCOP
0, 45, 90, 135, 180, 225, 270, 315
degrees
Condition
TX MUX Block
TX PLL
RX DeMUX Block
RX PLL
Embedded I/O
Powerup
Reset
Reset
Reset
Reset
3-state
FPGA Configuration
Reset
Reset
Reset
Reset
Active
TS_ALL Pin = 1
——
—
—
3-state
RESET_TX Pin = 1
Reset
Reset
——
Active
RESET_RX Pin = 1
——
Reset
Reset
Active
PWRON Pin = 1
—
Powerdown
—
Powerdown
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com