Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 33 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 33 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 29Page - Agere Systems ORLI10G Datasheet HTML 30Page - Agere Systems ORLI10G Datasheet HTML 31Page - Agere Systems ORLI10G Datasheet HTML 32Page - Agere Systems ORLI10G Datasheet HTML 33Page - Agere Systems ORLI10G Datasheet HTML 34Page - Agere Systems ORLI10G Datasheet HTML 35Page - Agere Systems ORLI10G Datasheet HTML 36Page - Agere Systems ORLI10G Datasheet HTML 37Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Agere Systems Inc.
33
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Line Interface Circuit Specifications
Power Supply Decoupling LC Circuit
The 622 MHz—850 MHz line interface macro contains both analog and digital circuitry. The line interface function,
for example, is implemented as primarily a digital function, but it relies on a conventional analog phase-locked loop
to provide its divided clocks. The internal analog phase-locked loop contains a voltage-controlled oscillator. This
circuit will be sensitive to digital noise generated from the rapid switching transients associated with internal logic
gates and parasitic inductive elements. Generated noise that contains frequency components beyond the band-
width of the internal phase-locked loop (about 3 MHz) will not be attenuated by the phase-locked loop and will
impact bit error rate directly. Thus, separate power supply pins are provided for these critical analog circuit ele-
ments.
Additional power supply filtering in the form of an LC pi filter section will be used between the power supply source
and these device pins as shown in Figure 16. The corner frequency of the LC filter is chosen based on the power
supply switching frequency, which is between 100 kHz and 300 kHz in most applications.
Capacitors C1 and C2 are large electrolytic capacitors to provide the basic cutoff frequency of the LC filter. For
example, the cutoff frequency of the combination of these elements might fall between 5 kHz and 50 kHz. Capaci-
tor C3 is a smaller ceramic capacitor designed to provide a low-impedance path for a wide range of high-frequency
signals at the analog power supply pins of the device. The physical location of capacitor C3 must be as close to the
device lead as possible. Multiple instances of capacitors C3 can be used if necessary. The recommended filter for
the HSI macro is shown below: L = 4.7
µH, RL = 1 Ω, C1 = 0.01 µF, C2 = 0.01 µF, C3 = 4.7 µF.
5-9344(F).a
Figure 16. Sample Power Supply Filter Network for Analog LI Power Supply Pins
C2
+
C3
+
TO DEVICE
VDD33, VDD33_A[7:4]
VSS, VSS33_A[7:4]
C1
+
FROM POWER
SUPPLY SOURCE
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com