Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 65 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 65 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 61Page - Agere Systems ORLI10G Datasheet HTML 62Page - Agere Systems ORLI10G Datasheet HTML 63Page - Agere Systems ORLI10G Datasheet HTML 64Page - Agere Systems ORLI10G Datasheet HTML 65Page - Agere Systems ORLI10G Datasheet HTML 66Page - Agere Systems ORLI10G Datasheet HTML 67Page - Agere Systems ORLI10G Datasheet HTML 68Page - Agere Systems ORLI10G Datasheet HTML 69Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
Agere Systems Inc.
65
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Package Thermal Characteristics
Summary
There are three thermal parameters that are in com-
mon use:
ΘJA, ψJC, and ΘJC. It should be noted that all
the parameters are affected, to varying degrees, by
package design (including paddle size) and choice of
materials, the amount of copper in the test board or
system board, and system airflow.
ΘJA
This is the thermal resistance from junction to ambient
(theta-JA, R-theta, etc.):
where TJ is the junction temperature, TA, is the ambient
air temperature, and Q is the chip power.
Experimentally,
ΘJA is determined when a special ther-
mal test die is assembled into the package of interest,
and the part is mounted on the thermal test board. The
diodes on the test chip are separately calibrated in an
oven. The package/board is placed either in a JEDEC
natural convection box or in the wind tunnel, the latter
for forced convection measurements. A controlled
amount of power (Q) is dissipated in the test chip’s
heater resistor, the chip’s temperature (TJ) is deter-
mined by the forward drop on the diodes, and the ambi-
ent temperature (TA) is noted. Note that
ΘJA is
expressed in units of °C/watt.
ψJC
This JEDEC designated parameter correlates the junc-
tion temperature to the case temperature. It is gener-
ally used to infer the junction temperature while the
device is operating in the system. It is not considered a
true thermal resistance, and it is defined by:
where TC is the case temperature at top dead center,
TJ is the junction temperature, and Q is the chip power.
During the
ΘJA measurements described above,
besides the other parameters measured, an additional
temperature reading, TC, is made with a thermocouple
attached at top-dead-center of the case.
ψJC is also
expressed in units of °C/W.
ΘJC
This is the thermal resistance from junction to case. It
is most often used when attaching a heat sink to the
top of the package. It is defined by:
The parameters in this equation have been defined
above. However, the measurements are performed
with the case of the part pressed against a water-
cooled heat sink to draw most of the heat generated by
the chip out the top of the package. It is this difference
in the measurement process that differentiates
ΘJC
from ψJC.
ΘJC is a true thermal resistance and is
expressed in units of °C/W.
ΘJB
This is the thermal resistance from junction to board
(
ΘJL). It is defined by:
where TB is the temperature of the board adjacent to a
lead measured with a thermocouple. The other param-
eters on the right-hand side have been defined above.
This is considered a true thermal resistance, and the
measurement is made with a water-cooled heat sink
pressed against the board to draw most of the heat out
of the leads. Note that
ΘJB is expressed in units of
°C/W, and that this parameter and the way it is mea-
sured are still in JEDEC committee.
FPSC Maximum Junction Temperature
Once the power dissipated by the FPSC has been
determined (see the Estimating Power Dissipation sec-
tion), the maximum junction temperature of the FPSC
can be found. This is needed to determine if speed der-
ating of the device from the 85 °C junction temperature
used in all of the delay tables is needed. Using the
maximum ambient temperature, TAmax, and the power
dissipated by the device, Q (expressed in °C), the max-
imum junction temperature is approximated by:
TJmax = TAmax + (Q •
ΘJA)
Figure 21 lists the thermal characteristics for all
packages used with the ORCA ORLI10G FPSC.
ΘJA
TJ
TA
–
Q
--------------------
=
ψJC
TJ
TC
–
Q
--------------------
=
ΘJC
TJ
TC
–
Q
--------------------
=
ΘJB
TJ
TB
–
Q
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com