Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 34 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 34 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 30Page - Agere Systems ORLI10G Datasheet HTML 31Page - Agere Systems ORLI10G Datasheet HTML 32Page - Agere Systems ORLI10G Datasheet HTML 33Page - Agere Systems ORLI10G Datasheet HTML 34Page - Agere Systems ORLI10G Datasheet HTML 35Page - Agere Systems ORLI10G Datasheet HTML 36Page - Agere Systems ORLI10G Datasheet HTML 37Page - Agere Systems ORLI10G Datasheet HTML 38Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
34
Agere Systems Inc.
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
XGMII ORCA 4E Receive Analysis
XGMII Considerations
The stringent 10 Gbit media independent interface specifications from the IEEE 802.3ae standards are met in the
FPGA side of the ORLI10G device. Figure 17 and Table 4 show a simplified block diagram for this interface and the
receive voltage levels for the HSTL inputs to the ORLI10G device. Further details are available in the Series 4 I/O
application note.
The ORLI10G device meets the 480 ps input setup time and 480 ps input hold time requirements for the XGMII
receiver inputs into the FPGA side of the FPSC with the embedded IO DDR cells on the FPGA side of the FPSC.
The PLLs are not used on input due to this being a forward clocked interface. The ORLI10G meets the clock-to-out
specification on the XGMII DDR outputs by using the output shift register to produce a nonduty cycle-dependent
output. An embedded output DDR capability is also available. The output clock is then centered around this data
eye using internal PLLs.
There are two considerations to note about the pinout location of the XGMII input clocks:
1. The XGMII input clocks must be located at the C pad of the programmable I/O cells (PICs). In the pinout tables,
the pads are labeled on a pin-by-pin basis. For example, a pin whose pad is referenced as PL1C can be used
as an XGMII input clock, but pins referenced as PL1A, PL1B, or PL1D cannot be used as an XGMII input clock.
2. The XGMII input data pins can be no further then six PICs away from the XGMII input clock pin. This means
that in the 416 PBGA package, the clock needs to be driven on two pins to be able to clock in the 32-bit XGMII
input data bus.
Due to the strict pinout locations mentioned above, when implementing a XGMII interface, the microprocessor
interface (MPI) will not be available in the 416 PBGA package.
1550.a(F)
Figure 17. Simplified XGMII Block Diagram
HSTL
CLOCK
CLOCK
VDDIO
VDD15
VDDIO = 1.5 V NOM
HSTL
VDDIO = 1.5 V NOM
VREF
VDDIO
÷ 2
DDR DATA
DDR DATA
CUSTOMER DEVICE
ORLI10G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com