Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 35 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 35 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 31Page - Agere Systems ORLI10G Datasheet HTML 32Page - Agere Systems ORLI10G Datasheet HTML 33Page - Agere Systems ORLI10G Datasheet HTML 34Page - Agere Systems ORLI10G Datasheet HTML 35Page - Agere Systems ORLI10G Datasheet HTML 36Page - Agere Systems ORLI10G Datasheet HTML 37Page - Agere Systems ORLI10G Datasheet HTML 38Page - Agere Systems ORLI10G Datasheet HTML 39Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
Agere Systems Inc.
35
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
XGMII ORCA 4E Receive Analysis (continued)
Table 4. HSTL Input Requirements to FPGA
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of this data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
The ORCA Series 4 FPSCs include circuitry designed to protect the chips from damaging substrate injection cur-
rents and to prevent accumulations of static charge. Nevertheless, conventional precautions should be observed
during storage, handling, and use to avoid exposure to excessive electrical stress.
Table 5. Absolute Maximum Ratings
Recommended Operating Conditions
Table 6. Recommended Operating Conditions
Notes:
The maximum recommended junction temperature (TJ) during operation is 125 °C.
Timing parameters in this data sheet and ORCA Foundry are characterized under tighter voltage and temperature conditions than the
recommended operating conditions in this table.
The internal PLLs operate from the VDD33 and VDD33_A power supplies. These power supplies should be well isolated from all other power
supplies on the board for proper operation.
Inputs
Low
Nom
High
VDDIO
1.4 V
1.5 V
1.6 V
VIH (min level)
0.88 V
0.95 V
1.10 V
VREF
0.68 V
0.75 V
0.90 V
VIL (max level)
0.48 V
0.55 V
0.70 V
Parameter
Symbol
Min
Max
Unit
Storage Temperature
Tstg
–65
150
°C
Power Supply Voltage with Respect to Ground
VDD33
–0.3
4.2
V
VDDIO
–0.3
4.2
V
VDD33, VDD33_A
–0.3
2.0
V
VDD15
–0.3
2.0
V
Input Signal with Respect to Ground
VIN
–0.3
VDDIO + 0.3
V
Signal Applied to High-impedance Output
—–0.3
VDDIO + 0.3
V
Maximum Package Body Temperature
——
220
°C
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage with Respect to Ground
VDD33
2.7
3.6
V
VDDIO
1.4
3.6
V
VDD33, VDD33_A
1.4
1.6
V
VDD15
1.4
1.6
V
Input Voltages
VIN
–0.3
VDDIO + 0.3
V
Junction Temperature
TJ
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com