Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 25 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 25 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 21Page - Agere Systems ORLI10G Datasheet HTML 22Page - Agere Systems ORLI10G Datasheet HTML 23Page - Agere Systems ORLI10G Datasheet HTML 24Page - Agere Systems ORLI10G Datasheet HTML 25Page - Agere Systems ORLI10G Datasheet HTML 26Page - Agere Systems ORLI10G Datasheet HTML 27Page - Agere Systems ORLI10G Datasheet HTML 28Page - Agere Systems ORLI10G Datasheet HTML 29Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
Agere Systems Inc.
25
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
ORLI10G Multiplexer (Tx) Detail
The multiplexer module converts the incoming 128 bits
of data from the FPGA logic at 78 MHz/106 MHz or
64 bits of data from the FPGA logic at 156 MHz/212
MHz into 16 bits of data at 622 MHz/850 MHz. It has
been implemented as two stages. The first stage
deinterleaves each incoming byte into a different byte
stream that can be serially output on the output data
pins. The second stage outputs these bytes into 16 bits
or four groups of 4 bits, depending upon the mode of
operation. Functionally, the multiplexer architecture
consists of three blocks: the parallel-to-serial
conversion, the counters, and the deinterleaving.
For 2.5G divide-by-8 mode, the first stage of the line
interface module deinterleaves each incoming byte of
data into a different byte stream on the
78 MHz/106 MHz (TX_CLK8_IN[3:0]) clock. This data
is then registered on the rising edge of the
622 MHz/850 MHz (TX_CLK_IN) clock at the falling
edge of the 78 MHz/106 MHz clock. The enable inputs
(TX_ENB8_IN[3:0]) are used to transfer data from the
low-speed clock to the high-speed clock, as well as
synchronizing the counters of parallel-to-serial
conversion which are running at the high-speed clock.
For 2.5G divide-by-4 mode, the first stage of the line
interface module deinterleaves each incoming byte of
data into a different byte stream on the
156 MHz/212 MHz (TX_CLK8_IN[3:0]) clock. This data
is then registered on the rising edge of the
622 MHz/850 MHz (TX_CLK_IN) clock at the falling
edge of the 156 MHz/212 MHz clock. The enable
inputs (TX_ENB8_IN[3:0]) are used to transfer data
from the low-speed clock to the high-speed clock, as
well as synchronizing the counters of parallel-to-serial
conversion which are running at the high-speed clock.
In 2.5G modes, the enable inputs (TX_ENB8_IN[3:0])
are required to be four (divide by 4) or eight (divide by
8) TX_CLK_IN clock cycles wide. They have to be
synchronous to their corresponding TX_CLK8_IN[3:0]
clock. Each of these four TX_CLK8_IN[3:0] clocks
must also be frequency locked to the TX_CLK_IN
signal.
In 10G modes, the enable inputs (TX_ENB8_IN[3:0])
are also required to be four (divide by 4) or eight (divide
by 8) TX_CLK_IN clock cycles wide. In 10G modes,
the other enable inputs (TX_ENB8_IN[3:1]) are
unused. Unlike 2.5G modes, this enable is
synchronous to a divided version of TX_CLK_IN from
the embedded core. In 10G modes, the
TX_CLK8_IN[3:0] inputs are not used. For version 2
ORLI10G devices, the enable signal can also
optionally be generated automatically in the embedded
core, thus removing the need to supply TX_ENB8_IN0
when that mode is selected. A second new option for
the version 2 ORLI10G devices will synchronize the
TX_ENB8_IN0 enable with the divided version of
TX_CLK_IN in the embedded core to simplify timing.
In both 2.5G and 10G modes, the TX_CLK_OUT[3:0]
clock outputs from the ORLI10G are provided for
transferring each 4 bits of data per clock.
For both 2.5G modes and 10G modes, all data to be
transmitted to the embedded core must be frequency
locked to the TX_CLK_IN signal. Thus, the divided
version of this clock found at the embedded core
interface should always be used to transfer data from
the FPGA logic to the embedded core. In 2.5G modes,
this same clock signal should also be used to generate
the enable signals as discussed previously. These
clock signals are available from the TX PLL outputs
(TX1_VCO, TX1_VCOP, TX2_VCO, TX2_VCOP).
Figure 10 shows the valid data input bits to the
multiplexer in each of the four modes (divide-by-8, 10G
and 2.5G modes, and divide-by-4, 10G and 2.5G
modes). Figure 11—Figure 14 show the multiplexer
input transmit reference clock, data, enable, and clock
waveforms and output clock and data waveforms for all
four modes.
In version 2 of the ORLI10G device, additional
capabilities are added to the Multiplexer block. The first
allows the clock inputs TX_CLK8_IN[3:0] to be
optionally generated in the embedded core in 2.5G
mode, as is done for 10G mode for version 1. The
second option allows all enables TX_ENB8_IN[3:0] to
be generated in the embedded core for both 2.5G and
10 G modes. The third option allows the enable inputs
TX_ENB8_IN[3:0] to continue to be used, but they are
re-synchronized in the embedded core before being
used. All options allow for simplification of the FPGA to
embedded core interface. If none are selected, the
ORLI10G defaults to version 1 compatible operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com