Electronic Components Datasheet Search
  English  ▼

X  

ORLI10G Datasheet(PDF) 47 Page - Agere Systems

Part # ORLI10G
Description  Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

ORLI10G Datasheet(HTML) 47 Page - Agere Systems

Back Button ORLI10G Datasheet HTML 43Page - Agere Systems ORLI10G Datasheet HTML 44Page - Agere Systems ORLI10G Datasheet HTML 45Page - Agere Systems ORLI10G Datasheet HTML 46Page - Agere Systems ORLI10G Datasheet HTML 47Page - Agere Systems ORLI10G Datasheet HTML 48Page - Agere Systems ORLI10G Datasheet HTML 49Page - Agere Systems ORLI10G Datasheet HTML 50Page - Agere Systems ORLI10G Datasheet HTML 51Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
Agere Systems Inc.
47
Data Sheet
October 2001
10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
ORCA ORLI10G Quad 2.5 Gbits/s
Pin Information (continued)
Package Pinouts
Table 14 provides the number of user programmable I/Os available for each available package. Table 20 provides
the package pin and pin function for the ORLI10G FPSC and packages. The bond pad name is identified in the
PIO nomenclature used in the ORCA Foundry design editor. The bank column provides information as to which
output voltage level bank the given pin is in. The group column provides information as to the group of pins the
given pin is in. This is used to show which VREF pin is used to provide the reference voltage for single-ended
limited-swing I/Os. If none of these buffer types (such as SSTL, GTL, HSTL) are used in a given group, then the
VREF pin is available as an I/O pin.
When the number of FPGA bond pads exceeds the number of package pins, bond pads are unused. When the
number of package pins exceeds the number of bond pads, package pins are left unconnected (no connects).
When a package pin is to be left as a no connect for a specific die, it is indicated as a note in the device column for
the FPGA. The tables provide no information on unused pads.
Table 19. ORCA Programmable I/Os Summary
It is very important to note the pinout limitations for 10 Gbits/s Ethernet applications. Specifically, the very stringent
timing requirements of the XGMII specification coupled with the I/O availability and locations in the 416-pin PBGA
requires that the XGMII output pins be located on three sides of the device. This may cause issues with routing the
XGMII bus at a board level since the XGMII specification for routing this bus on a board is only 2 in.
In addition, the built-in microprocessor interface (MPI) cannot be fully utilized in the 416-pin PBGA and the 680-pin
PBGA packages because the implementation of the XGMII interface limits the number of available address and
data pins.
As shown in the Pair columns in Table 20, differential pairs and physical locations are numbered within each bank
(e.g., L19C_A0 is the nineteenth pair in an associated bank). A C indicates complementary differential whereas a
T indicates true differential. An _A0 indicates the physical location of adjacent balls in either the horizontal or verti-
cal direction. Other physical indicators are as follows:
s
_A1 indicates one ball between pairs.
s
_A2 indicates two balls between pairs.
s
_D0 indicates balls are diagonally adjacent.
s
_D1 indicates balls are diagonally adjacent separated by one physical ball.
VREF pins, shown in the Pin Description column in Table 20, are associated to the bank and group
(e.g., VREF_TL_01 is the VREF for group one of the top left (TL) bank).
Device
416 PBGAM
680 PBGAM
User programmable I/O
192
316
Available programmable differential pair pins
184
272
FPGA configuration pins
7
7
FPGA dedicated function pins
2
2
Core function pins
86
86
VDD15
28
84
VDD33_A
4
4
VDD33
14
28
VDDIO
21
44
VSS
48
95
VSS_A
4
4
LVCTAP for dedicated differential channels
6
6
Core LV_REF pins
4
4
Total package pins
416
680



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com