Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 129 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 129 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 133Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
129
QUICK START-UP AND SHUTDOWN
The WM8903 has the capability to perform a quick start-up and shut-down with a minimum number of
register operations. This is achieved using the Control Write Sequencer, which is configured with
default start-up settings that set up the device for DAC playback via Headphone and Line Output.
Assuming a 12.288MHz external clock, the start-up sequence configures the device for 48kHz
playback mode.
The default start-up sequence requires three register write operations. The default shutdown
sequence requires just a single register write. The minimum procedure for executing the quick start-
up and shutdown sequences is described below. See “Control Write Sequencer” for more details.
QUICK START-UP (DEFAULT SEQUENCE)
An external clock must be applied to MCLK. Assuming 12.288MHz input clock, the start-up sequence
will take approximately 425ms to complete.
The following register operations will initiate the quick start-up sequence.
REGISTER
ADDRESS
VALUE
DESCRIPTION
R108 (6Ch)
Write Sequencer 0
0100h
WSMD_CLK_ENA = 1
This enables the Write Sequencer Clock
R22 (16h)
Clock Rates 2
0004h
CLK_SYS_ENA = 1
This enables the System Clock
R111 (6Fh)
Write Sequencer 3
0100h
WSEQ_START_INDEX = 00h
WSEQ_START = 1
WSEQ_ABORT = 0
This starts the Write Sequencer at Index address 0 (00h)
Table 82 Quick Start-Up Control
The WSEQ_BUSY bit (in Register R112, see Table 76) will be set to 1 while the sequence runs.
When this bit returns to 0, the device has been set up and is ready for DAC playback operation.
QUICK SHUTDOWN (DEFAULT SEQUENCE)
The default shutdown sequence assumes the initial device conditions are as configured by the default
start-up sequence. Assuming 12.288MHz input clock, the shutdown sequence will take approximately
325ms to complete.
The following register operation will initiate the default shut-down sequence.
REGISTER
ADDRESS
VALUE
DESCRIPTION
R111 (6Fh)
Write Sequencer 3
0120h
WSEQ_START_INDEX = 20h
WSEQ_START = 1
WSEQ_ABORT = 0
This starts the Write Sequencer at Index address 32 (20h)
Table 83 Quick Shutdown Control
The WSEQ_BUSY bit (in Register R112, see Table 76) will be set to 1 while the sequence runs.
When this bit returns to 0, the system clock can be disabled (CLK_SYS_ENA=0) and MCLK can be
stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com