Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 156Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
152
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
BYPASSR_TO_MIXOUTR
0
Right Analogue Input to Right Output Mixer
Enable
0 = disabled
1 = enabled
Register 33h Analogue Right Mix 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R52 (34h)
Analogue
Spk Mix Left
0
3
DACL_TO_MIXSPKL
0
Left DAC to Left Spkr Mixer Enable
0 = disabled
1 = enabled
2
DACR_TO_MIXSPKL
0
Right DAC to Left Spkr Mixer Enable
0 = disabled
1 = enabled
1
BYPASSL_TO_MIXSPKL
0
Left Analogue Input to Left Spkr Mixer Enable
0 = disabled
1 = enabled
0
BYPASSR_TO_MIXSPKL
0
Right Analogue Input to Left Spkr Mixer
Enable
0 = disabled
1 = enabled
Register 34h Analogue Spk Mix Left 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R53 (35h)
Analogue
Spk Mix Left
1
3
DACL_MIXSPKL_VOL
0
Left DAC to Left Spkr Mixer volume control
0 = 0dB
1 = -6dB
2
DACR_MIXSPKL_VOL
0
Right DAC to Left Spkr Mixer volume control
0 = 0dB
1 = -6dB
1
BYPASSL_MIXSPKL_VOL
0
Left Analogue Input to Left Spkr Mixer volume
control
0 = 0dB
1 = -6dB
0
BYPASSR_MIXSPKL_VOL
0
Right Analogue Input to Left Spkr Mixer
volume control
0 = 0dB
1 = -6dB
Register 35h Analogue Spk Mix Left 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R54 (36h)
Analogue
Spk Mix
Right 0
3
DACL_TO_MIXSPKR
0
Left DAC to Right Spkr Mixer Enable
0 = disabled
1 = enabled
2
DACR_TO_MIXSPKR
0
Right DAC to Right Spkr Mixer Enable
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com