Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 156 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 156 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 160Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
156
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R63 (3Fh)
Analogue
OUT3 Right
8
SPKR_MUTE
1
Right Speaker Output Mute
0 = Un-mute
1 = Mute
7
SPKVU
0
Speaker Output Volume Update
Writing a 1 to this bit will update LON/LOP and
RON/ROP volumes simultaneously.
(Write-Only Register)
6
SPKRZC
0
Right Speaker Output Zero Cross Enable
0 = disabled
1 = enabled
5:0
SPKR_VOL
[5:0]
11_1001
Right Speaker Output Volume
000000 = -57dB
000001 = -56dB
(… 1dB steps)
111001 = 0dB
(… 1dB steps)
111110 = +5dB
111111 = +6dB
Register 3Fh Analogue OUT3 Right
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R65 (41h)
Analogue
SPK Output
Control 0
1
SPK_DISCHARGE
0
Speaker Discharge Enable
0 = Disabled
1 = Enable
0
VROI
0
Select VMID_TIE_ENA resistance for disabled
Differential Lineouts
0 = 20k ohm
1 = 500 ohm
Register 41h Analogue SPK Output Control 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R67 (43h)
DC Servo 0
4
DCS_MASTER_ENA
1
DC Servo Master Control
0 = DC Servo Reset
1 = DC Servo Enabled
3:0
DCS_ENA [3:0]
0000
DC Servo Enable
[3] - HPOUTL enable
[2] - HPOUTR enable
[1] - LINEOUTL enable
[0] - LINEOUTR enable
Register 43h DC Servo 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com