Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 158 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 158 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 162Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
158
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R81 (51h)
DC Servo
Readback 1
7:0
DCS_HPOUTL_INTEG [7:0]
0000_0000 Readback value on Left Headphone Output
Servo.
Two’s complement format.
LSB is 0.25mV.
Range is +/-32mV
(Read-Only Register)
Register 51h DC Servo Readback 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R82 (52h)
DC Servo
Readback 2
7:0
DCS_HPOUTR_INTEG [7:0] 0000_0000 Readback value on Right Headphone
Output Servo.
Two’s complement format.
LSB is 0.25mV.
Range is +/-32mV
(Read-Only Register)
Register 52h DC Servo Readback 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R83 (53h)
DC Servo
Readback 3
7:0
DCS_LOUTL_INTEG [7:0]
0000_0000 Readback value on Left Line Output Servo.
Two’s complement format.
LSB is 0.25mV.
Range is +/-32mV
(Read-Only Register)
Register 53h DC Servo Readback 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R84 (54h)
DC Servo
Readback 4
7:0
DCS_LOUTR_INTEG [7:0]
0000_0000 Readback value on Right Line Output
Servo.
Two’s complement format.
LSB is 0.25mV.
Range is +/-32mV
(Read-Only Register)
Register 54h DC Servo Readback 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R90 (5Ah)
Analogue HP
0
7
HPL_RMV_SHORT
0
Removes HPL short
0 = HPL short enabled
1 = HPL short removed
For normal operation, this bit should be set as the
final step of the HPL Enable sequence.
6
HPL_ENA_OUTP
0
Enables HPL output stage
0 = Disabled
1 = Enabled
For normal operation, this bit should be set to 1
after the DC offset cancellation has been
scheduled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com