Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 161 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 161 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 161Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 165Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
161
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R104 (68h)
Class W 0
0
CP_DYN_PWR
0
Enable dynamic charge pump power control
0 = charge pump controlled by volume register
settings
1 = charge pump controlled by real-time audio level
Register 68h Class W 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R108 (6Ch)
Write
Sequencer 0
8
WSMD_CLK_ENA
0
Write Sequencer / Mic Detect Clock Enable.
0 = Disabled
1 = Enabled
4:0
WSEQ_WRITE_INDEX
[4:0]
0_0000
Sequence Write Index. This is the memory
location to which any updates to R109 and
R110 will be copied.
0 to 31 = RAM addresses
Register 6Ch Write Sequencer 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R109 (6Dh)
Write
Sequencer 1
14:12
WSEQ_DATA_WIDTH
[2:0]
000
Width of the data block written in this
sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
11:8
WSEQ_DATA_START
[3:0]
0000
Bit position of the LSB of the data block
written in this sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_ADDR [7:0]
0000_0000 Control Register Address to be written to in
this sequence step.
Register 6Dh Write Sequencer 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R110 (6Eh)
Write
Sequencer 2
14
WSEQ_EOS
0
End of Sequence flag. This bit indicates whether
the Control Write Sequencer should stop after
executing this step.
0 = Not end of sequence
1 = End of sequence (Stop the sequencer after this
step).
11:8
WSEQ_DELAY
[3:0]
0000
Time delay after executing this step.
Total delay time per step (including execution)=
62.5µs × (2^WSEQ_DELAY + 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com