Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 157 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 157 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 156Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 157Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 158Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 159Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 160Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 161Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
157
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R69 (45h)
DC Servo 2
1:0
DCS_MODE
[1:0]
00
DC Servo Mode
00 = WRITE_STOP
01 = WRITE_UPDATE
10 = START_STOP
11 = START_UPDATE
Register 45h DC Servo 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R71 (47h)
DC Servo 4
7:0
DCS_HPOUTL_WRITE_VAL
[7:0]
0000_0000 Value to send to Left Headphone Output
Servo in a WRITE mode
Two’s complement format.
LSB is 0.25mV.
Range is +/-32mV
Register 47h DC Servo 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R72 (48h)
DC Servo 5
7:0
DCS_HPOUTR_WRITE_VAL
[7:0]
0000_0000 Value to send to Right Headphone Output
Servo in a WRITE mode
Two’s complement format.
LSB is 0.25mV.
Range is +/-32mV
Register 48h DC Servo 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R73 (49h)
DC Servo 6
7:0
DCS_LOUTL_WRITE_VAL
[7:0]
0000_0000 Value to send to Left Line Output Servo in a
WRITE mode
Two’s complement format.
LSB is 0.25mV.
Range is +/-32mV
Register 49h DC Servo 6
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R74 (4Ah)
DC Servo 7
7:0
DCS_LOUTR_WRITE_VAL
[7:0]
0000_0000 Value to send to Right Line Output Servo in a
WRITE mode
Two’s complement format.
LSB is 0.25mV.
Range is +/-32mV
Register 4Ah DC Servo 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com