Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 148 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 148 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 152Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
148
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11110 = -22.5dB
11111 = Reserved
Register 2Bh DRC 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R44 (2Ch)
Analogue
Left Input 0
7
LINMUTE
1
Left Input PGA Mute
0 = not muted
1 = muted
4:0
LIN_VOL [4:0]
0_0101
Left Input PGA Volume
If L_MODE = 00 (Single ended)
OR L_MODE = 01 (Differential Line)
00000
-1.55
00001
-1.3
00010
-1.0
00011
-0.7
00100
-0.3
00101
+0.0 (default)
00110
+0.3
00111
+0.7
01000
+1.0
01001
+1.4
01010
+1.8
01011
+2.3
01100
+2.7
01101
+3.2
01110
+3.7
01111
+4.2
10000
+4.8
10001
+5.4
10010
+6.0
10011
+6.7
10100
+7.5
10101
+8.3
10110
+9.2
10111
+10.2
11000
+11.4
11001
+12.7
11010
+14.3
11011
+16.2
11100
+19.2
11101
+22.3
11110
+25.2
11111
+28.3
If L_MODE = 1X (Differential MIC)
00000
Not valid
00001
+12
00010
+15
00011
+18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com