Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 144 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 144 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 140Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 141Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 142Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 148Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
144
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11 = 48kHz sample rate
0
DAC_OSR
0
DAC Oversampling Control
0 = Low power (normal oversample)
1 = High performance (double rate)
Register 21h DAC Digital 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36 (24h)
ADC Digital
Volume Left
8
ADCVU
0
ADC Volume Update
Writing a 1 to this bit causes left and right ADC
volume to be updated simultaneously
(Write-Only Register)
7:0
ADCL_VOL
[7:0]
1100_0000 Left ADC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
EFh = +17.625dB
F0h to FFh = +17.625dB
Register 24h ADC Digital Volume Left
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37 (25h)
ADC Digital
Volume Right
8
ADCVU
0
ADC Volume Update
Writing a 1 to this bit causes left and right ADC
volume to be updated simultaneously
(Write-Only Register)
7:0
ADCR_VOL
[7:0]
1100_0000 Right ADC Digital Volume
00h = Mute
01h = -71.625dB
02h = -71.250dB
… (0.375dB steps)
C0h = 0dB
… (0.375dB steps)
EFh = +17.625dB
F0h to FFh = +17.625dB
Register 25h ADC Digital Volume Right
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
ADC Digital
0
6:5
ADC_HPF_CUT
[1:0]
00
ADC Digital High Pass Filter Cut-Off Frequency
(fc)
00 = Hi-fi mode (fc=4Hz at fs=48kHz)
01 = Voice mode 1 (fc=127Hz at fs=16kHz)
10 = Voice mode 2 (fc=130Hz at fs=8kHz)
11 = Voice mode 3 (fc=267Hz at fs=8kHz)
(Note: fc scales with sample rate fs.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com