Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 170 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 170 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 174Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
170
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
101 = FVCO / 6
110 = FVCO / 7
111 = FVCO / 8
Recommended that this register is not changed from
default.
5:3
FLL_OUTDIV
[2:0]
000
FOUT clock divider
000 = 2
001 = 4
010 = 8
011 = 16
100 = 32
101 = 64
110 = 128
111 = 256
(FOUT = FVCO / FLL_OUTDIV)
2:0
FLL_FRATIO
[2:0]
000
FVCO clock divider
000 = divide by 1
001 = divide by 2
010 = divide by 4
011 = divide by 8
1XX = divide by 16
000 recommended for FREF > 1MHz
100 recommended for FREF < 64kHz
Register 81h FLL Control 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R130 (82h)
FLL Control
3
15:0
FLL_K [15:0]
0000_0000
_0000_000
0
Fractional multiply for FREF
(MSB = 0.5)
Register 82h FLL Control 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R131 (83h)
FLL Control
4
9:0
FLL_N [9:0]
00_0000_0
000
Integer multiply for FREF
(LSB = 1)
Register 83h FLL Control 4
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R164 (A4h)
Clock Rate
Test 4
9
ADC_DIG_MIC
0
Enables Digital Microphone mode.
0 = Audio DSP input is from ADC
1 = Audio DSP input is from digital microphone
interface
Register A4h Clock Rate Test 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com