Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 172 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 172 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 176Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
172
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
Figure 67 Recommended External Components
Notes:
1.
Decoupling Capacitors
X5R ceramic capacitor is recommended for capacitors C1, C2, C3, C4, C6, C7, C12 and C13.
All decoupling capacitors should be positioned as close to the WM8903 as possible.
The positioning of C12 and C13 is particularly important - these should be as close to the WM8903 as possible.
2.
Charge Pump Capacitors
Specific recommendations for C5, C6 and C7 are provided in Table 85. Note that two different recommendations are provided
for these components; either of these components is suitable, depending upon size requirements and availability.
The positioning of C5 is very important - this should be as close to the WM8903 as possible.
It is important to select a suitable capacitor type for the Charge Pump. Note that the capacitance may vary with DC voltage;
care is required to ensure that required capacitance is achieved at the applicable operating voltage, as specified in Table 85.
The capacitor datasheet should be consulted for this information.
COMPONENT
REQUIRED
CAPACITANCE
VALUE
PART NUMBER
VOLTAGE
TYPE
SIZE
C5 (CFB1-CFB2)
 1F at 2VDC
2.2
F
Kemet C0402C225M9PAC
6.3v
X5R
0402
2.2
F
MuRata GRM155R60J225ME15_EIA
6.3v
X5R
0402
C6 (VNEG)
C7 (VPOS)
 2F at 2VDC
2.2
F
MuRata GRM188R61A225KE34D
10v
X5R
0603
4.7
F
MuRata GRM155R60J475M_EIA
6.3v
X5R
0402
Table 85 Charge Pump Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com