Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 174 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 174 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 178Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 174 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
174
MIC DETECTION SEQUENCE USING MICBIAS CURRENT
This section details an example sequence which summarises how the host processor can configure
and detect the events supported by the MICBIAS current detect function (see “Electret Condenser
Microphone Interface”):
Mic insertion/removal
Hook switch press/release
Figure 68 shows an example of how the MICBIAS current flow varies versus time, during mic
insertion and hook switch events. The Y axis is annotated with the Mic detection thresholds, and the
X axis is annotated with the stages of an example sequence as detailed in Table 86, to illustrate how
the host processor can implement mic insertion and hook switch detection.
The sequence assumes that the microphone insertion and hook switch detection functions are
monitored by polling the interrupt flags using the control interface. Note that the maximum mechanical
bounce times for mic insertion and removal must be fully understood by the software programmer.
A GPIO pin could be used as an alternative mechanism to monitor the MICBIAS detection functions.
This enables the host processor to detect mechanical bounce at any time.
Figure 68 Mic Insert and Hook Switch Detect: Example MICBIAS Current Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com