Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 178 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 178 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 178Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 178 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
178
REVISION HISTORY
DATE
REV
ORIGINATOR
CHANGES
21/07/11
4.1
SS
Correction to Audio Interface, Slave Mode specifications. “DACDAT set-up
time to BCLK rising edge” specification changed to 20ns minimum.
08/08/11
4.2
PH
All Read-Only and Write-Only registers are specifically identified as Read-
Only or Write-Only respectively.
28/09/11
4.3
PH
LIN_VOL and RIN_VOL registers updated; 00000 = -1.55dB
01/03/12
4.4
JMacD
Order codes updated from WM8903LGEFK/V and WM8903LGEFK/RV to
WM8903CLGEFK and WM8903CLGEFK/R to reflect change to copper wire
bonding
01/03/12
4.4
JMacD
MSL level changed from MSL3 to MSL1
01/03/12
4.4
JMacD
Package Diagram changed to DM110.A
14/06/12
4.5
SS
Correction to Audio Interface, Slave Mode specifications. “ADCDAT
propagation delay from BCLK falling edge” specification changed to 30ns
maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com