Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 175 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 175 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 178Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 175 / 178 page
background image
Production Data
WM8903
w
PD, Rev 4.5, June 2012
175
STEP
DETAILS
1
Mic not inserted. To detect mic insertion, Host processor must initialise interrupts and clear MICDET_INV = 0. At every
step, the host processor should poll the interrupt status register.
2
Mechanical bounce of jack socket during Mic insertion. Host processor may already detect a mic insertion interrupt
(MICDET_EINT) during this step. Once detected, the host processor can set MICDET_INV = 1, unless mechanical
bounce can last longer than the shortest possible TDET, in which case the host processor should not set MICDET_INV = 1
until step 3.
3
Mic fully inserted. If not already set, the host processor must now set MICDET_INV = 1. To detect Hook switch press, the
host processor must clear MICSHRT_INV = 0. At this step, the diagram shows no AC current swing, due to a very low
ambient noise level.
4
Mic fully inserted. Diagram shows AC current swing due to high levels of background noise (such as wind).
5
Mechanical bounce during hook switch press. The hook switch interrupt is unlikely to be set during this step, because 10
successive samples of the MICBIAS current exceeding the hook switch threshold have not yet been sampled.
6
Hook switch is fully pressed down. After TSHORT, 10 successive samples of the MICBIAS current exceeding the hook
switch threshold have been detected, hence a hook switch interrupt (MICSHRT_EINT) will be generated, and the host
processor can immediately set MICSHRT_INV = 1.
7
Mechanical bounce during hook switch release. The hook switch interrupt is unlikely to be set during this step, because
10 successive samples of the MICBIAS current lower than the hook switch threshold have not yet been sampled.
8
Hook switch fully released. After TSHORT, 10 successive samples of the MICBIAS current lower than the hook switch
threshold have been detected, hence a hook switch interrupt (MICSHRT_EINT) will be generated, and the host processor
can immediately clear MICSHRT_INV = 0.
9
Mechanical bounce of jack socket during Mic removal. Host processor may already detect a mic removal interrupt
(MICDET_EINT) during this step. Once detected, the host processor can clear MICDET_INV = 0, unless mechanical
bounce can last longer than the shortest possible TDET, in which case the host processor should not clear MICDET_INV =
0 until step 10.
10
Mic fully removed. If not already cleared, the host processor must now clear MICDET_INV = 0.
Table 86 Mic Insert and Hook Switch Detect: Example Sequence
Alternatively, utilising a GPIO pin to monitor the MICBIAS current detect functionality permits the host
processor to monitor the steady state of microphone detection or hook switch press functions.
Because the GPIO shows the steady state condition, software de-bounce may be easier to implement
in the host processor, dependant on the processor performance characteristics, hence use of the
GPIO is likely to simplify the rejection of mechanical bounce. Changes of state in the GPIO pin are
also subject to the time delays tDET and tSHORT.
Further details can be found in the applications note WAN_0213 “WM8903 ECM mic detection using
MICBIAS current”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com