Electronic Components Datasheet Search
  English  ▼

X  

WM8903 Datasheet(PDF) 176 Page - Wolfson Microelectronics plc

Part # WM8903
Description  Ultra Low Power CODEC for Portable Audio Applications
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8903 Datasheet(HTML) 176 Page - Wolfson Microelectronics plc

Back Button WM8903 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8903 Datasheet HTML 178Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 176 / 178 page
background image
WM8903
Production Data
w
PD, Rev 4.5, June 2012
176
PACKAGE DIMENSIONS
NOTES:
1. DIMENSION b APPLIED TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP.
2. FALLS WITHIN JEDEC, MO-220.
3. ALL DIMENSIONS ARE IN MILLIMETRES
4. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
5. REFER TO APPLICATIONS NOTE WAN_0118 FOR FURTHER INFORMATION.
DM110.A
FL: 40 PIN QFN PLASTIC PACKAGE 5 X 5 X 0.55 mm BODY, 0.40 mm LEAD PITCH
C
aaa
INDEX AREA
(D/2 X E/2)
C
aaa
2 X
2 X
TOP VIEW
D
E
C
0.08
C
ccc
A
A1
C
(A3)
SEATING PLANE
1
18 17
40 x b
21
40 x L
D2
E2
SEE DETAIL A
B
C
bbb M
A
B
B
A
A
39 40
1
2
10
11
30
31
e
DETAIL A
TERMINAL TIP 1
Symbols
Dimensions (mm)
MIN
NOM
MAX
NOTE
A
A1
A3
b
D
D2
E
E2
e
L
0.50
0.55
0.60
0.05
0.035
0
0.152 REF
0.25
0.20
0.15
5.00 BSC
3.50
3.40
3.30
5.00 BSC
0.4 BSC
3.40
3.50
3.30
0.35
0.4
0.45
1
2
2
aaa
bbb
ccc
REF:
0.10
0.10
0.10
JEDEC, MO-220 – WHHE-1
Tolerances of Form and Position
S
R0.2
(PIN #1 ID)
EXPOSED
GND
PADDLE
6
B
C
ddd
A
B
C
ddd
A
S
1.15
1.25
1.35
ddd
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com