Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 167 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 167 Page - Actel Corporation

Back Button APA150 Datasheet HTML 163Page - Actel Corporation APA150 Datasheet HTML 164Page - Actel Corporation APA150 Datasheet HTML 165Page - Actel Corporation APA150 Datasheet HTML 166Page - Actel Corporation APA150 Datasheet HTML 167Page - Actel Corporation APA150 Datasheet HTML 168Page - Actel Corporation APA150 Datasheet HTML 169Page - Actel Corporation APA150 Datasheet HTML 170Page - Actel Corporation APA150 Datasheet HTML 171Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
3-1
Datasheet Information
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous version
Changes in current version (v5.2)
Page
v5.1
MIL-STD-883 was added to the datasheet.
N/A
VCC and VCCI were changed to VDDP.N/A
Table 1-9 was updated to include 135°C.
page 1-20
v5.0
In the "208-Pin PQFP" table, the following pin numbers have been updated:
Pin Number
Function
24
I/O / GL2
30
I/O / GL1
page 2-6
In the "208-Pin CQFP" table, the following pin numbers have been updated:
Pin Number
Function
23
I/O / GLMX1
24
I/O / GL2
28
PPECL1 / Input
30
I/O / GL1
128
I/O / GL3
129
PPECL2 / Input
134
I/O / GL4
135
I/O / GLMX2
page 2-13
In the "624-Pin CCGA/LGA" table, the following pin numbers have been updated:
Pin Number
Function
M6
I/O / GL2
M7
I/O / GLMX1
M19
I/O / GLMX2
M20
I/O / GL4
N5
PPECL1 / Input
N6
I/O / GL1
N20
I/O / GL3
N21
PPECL2 / Input
page 2-82
v4.1
MIL-STD 883B data will be added into this datasheet after the MIL-STD 883B qualification is
complete.
Green packaging information in the "Ordering Information" section was updated.
page ii
The "Temperature Grade Offerings" table was updated for the CG624.
page iii
The "Ordering Information" section was updated.
page ii
The "Live at Power-Up" section is new.
page 1-3
Note 2 in Figure 1-4 was updated.
page 1-4
The 3.3 V column in Table 1-3 was updated.
page 1-9
The "Input/Output Blocks" section was updated.
page 1-9
The note was removed from Table 1-4.
page 1-9
The "Power-Up Sequencing" section was updated.
page 1-10
The first bullet in the "ProASICPLUS Clock Management System" section was updated.
page 1-13
The first paragraph in the "Performance Retention" section was updated.
page 1-33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com