Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 171 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 171 Page - Actel Corporation

Back Button APA150 Datasheet HTML 166Page - Actel Corporation APA150 Datasheet HTML 167Page - Actel Corporation APA150 Datasheet HTML 168Page - Actel Corporation APA150 Datasheet HTML 169Page - Actel Corporation APA150 Datasheet HTML 170Page - Actel Corporation APA150 Datasheet HTML 171Page - Actel Corporation APA150 Datasheet HTML 172Page - Actel Corporation APA150 Datasheet HTML 173Page - Actel Corporation APA150 Datasheet HTML 174Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 171 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.2
3-5
The following pins have been changed in the "896-Pin FBGA" table:
Pin Number
Function
Pin Number
Function
R2
I/O (GLMX1)
T3
GL2
R4
NPECL1
T4
PPECL1 (I/P)
R5
GL1
T26
PPECL2 (I/P)
R27
NPECL2
T27
GL4
R29
I/O (GLMX2)
T28
GL3
page 2-59
The following pins have been changed in the "1152-Pin FBGA" table:
Pin Number
Function
Pin Number
Function
U4
I/O (GLMX1)
U29
NPECL2
U6
NPECL1
U31
I/O (GLMX2)
U7
GL1
V28
PPECL2 (I/P)
V5
GL2
V29
GL4
V6
PPECL1 (I/P)
V30
GL3
page 2-69
Advanced v0.7
The "ProASICPLUS Architecture" section was updated.
page 1-2
The "Array Coordinates" section and Table 1-2 are new.
page 1-8
The "Power-Up Sequencing" section is new.
page 1-10
"I/O Features" section was updated.
page 1-9
The "Timing Control and Characteristics" section was updated. "Physical Implementation"
section, "Functional Description" section, "Lock Signal" section, and "PLL Configuration
Options" section are new.
page 1-13 to page
1-16
"PLL Block – Top-Level View and Detailed PLL Block Diagram" section was updated.
page 1-14
Figure 1-15 was updated.
page 1-15
"Sample Implementations" section, "Adjustable Clock Delay" section, and the "Clock Skew
Minimization" section are new.
page 1-16
Figure 1-16, Figure 1-17, Figure 1-18, Figure 1-19, and Figure 1-20 are new.
page 1-17 to page
1-19
The "PLL Electrical Specifications" section is new.
page 1-21
The "Design Environment" section was updated.
page 1-27
Figure 1-26 was updated.
page 1-42
The "Calculating Typical Power Dissipation" section was updated.
page 1-30
The "DC Electrical Specifications (VDDP = 2.5 V ±0.2V)" section was updated.
page 1-36
The Table 1-22 was updated.
page 1-38
The "DC Specifications (3.3 V PCI Operation)1" section was updated.
page 1-40
The "Tristate Buffer Delays" section (the figure and table) have been updated.
page 1-42
The "Output Buffer Delays" section (the figure and table) have been updated.
page 1-44
The "Input Buffer Delays" section was updated.
page 1-46
The "Global Input Buffer Delays" section was updated.
page 1-48
The "Predicted Global Routing Delay" section was updated.
page 1-50
The "Global Routing Skew" section was updated.
page 1-50
The "Sample Macrocell Library Listing" section was updated.
page 1-51
The "Pin Description" section was updated. GLMX is new.
page 1-73
The "Recommended Design Practice for VPN/VPP" section was updated.
page 1-74
Pin AK31 of FG1152 for the APA1000 changed to VPP.
page 2-69
(Advanced v0.6)
The "Features and Benefits" on page i-i were updated.
page i-i
The "ProASICPLUS Product Profile" on page i-i was updated.
page i-i
The "Ordering Information" on page i-ii was updated.
page i-ii
The "Plastic Device Resources" on page i-ii was updated.
page i-ii
The "ProASICPLUS Architecture" on page 1-2 was updated.
page 1-2
Previous version
Changes in current version (v5.2)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com