Electronic Components Datasheet Search
  English  ▼

X  

APA150 Datasheet(PDF) 172 Page - Actel Corporation

Part # APA150
Description  Ultra-Fast Local and Long-Line Network
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA150 Datasheet(HTML) 172 Page - Actel Corporation

Back Button APA150 Datasheet HTML 166Page - Actel Corporation APA150 Datasheet HTML 167Page - Actel Corporation APA150 Datasheet HTML 168Page - Actel Corporation APA150 Datasheet HTML 169Page - Actel Corporation APA150 Datasheet HTML 170Page - Actel Corporation APA150 Datasheet HTML 171Page - Actel Corporation APA150 Datasheet HTML 172Page - Actel Corporation APA150 Datasheet HTML 173Page - Actel Corporation APA150 Datasheet HTML 174Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 172 / 174 page
background image
ProASICPLUS Flash Family FPGAs
3- 6
v5.2
Advanced v0.6
(continued)
Table 1-1 was updated.
page 1-7
Figure 1-14 was updated.
page 1-14
The "Design Environment" section was updated.
page 1-27
The "Package Thermal Characteristics" section was updated.
page 1-29
The "Calculating Typical Power Dissipation" section was updated.
page 1-30
The "Absolute Maximum Ratings*" section was updated.
page 1-33
The "Programming, Storage, and Operating Limits" section was updated.
page 1-33
The ’Nominal Supply Voltages’ section was updated.
page 1-34
The "Recommended Operating Conditions" section was updated.
page 1-35
The "DC Electrical Specifications (VDDP = 2.5 V ±0.2V)" section was updated.
page 1-36
The "DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V)" section was
updated.
page 1-38
The "Synchronous Write and Read to the Same Location" section was updated.
page 1-61
The "Asynchronous Write and Synchronous Read to the Same Location" section was updated. page 1-62
The "Asynchronous FIFO Read" section was updated.
page 1-67
The "Pin Description" section has been updated.
page 1-73
The "Recommended Design Practice for VPN/VPP" section is new.
page 1-74
The "100-Pin TQFP" section is new.
page 2-1
The "484-Pin FBGA" section is new.
page 2-45
Advanced v0.5
The description for the VPN pin has changed.
page 1-74
Advanced v0.4
The "Plastic Device Resources" section has been updated.
page i-ii
Figure 1-12 and Figure 1-13 have been updated.
page 1-14
The "Tristate Buffer Delays" section has been updated.
page 1-42
The "Output Buffer Delays" section has been updated.
page 1-44
The "Input Buffer Delays" section has been updated.
page 1-46
The "Global Input Buffer Delays" section has been updated.
page 1-48
The "456-Pin PBGA" section has been updated.
page 2-22
The "676-Pin FBGA" section has been updated.
page 2-51
Advanced v0.3
The "ProASICPLUS Product Profile" section has been changed.
page i-i
The "Plastic Device Resources" section has been updated.
page i-ii
The "ProASICPLUS I/O Power Supply Voltages" sectionhas been updated.
page 1-9
WDATA has ben changed to DI, and RDATA has been changed to DO to make them consistent
with the signal names found in the Macro Library Guide.
Figure 1-21 and Figure 1-22 have been updated.
page 1-24
and page 1-25
The "Design Environment" section and Figure 1-26 have been updated.
page 1-27
and page 1-42
The table in the "Package Thermal Characteristics" section has been updated.
page 1-29
The "Calculating Typical Power Dissipation" section is new.
page 1-30
The "Programming, Storage, and Operating Limits" section is new.
page 1-33
The ’Nominal Supply Voltages’ section has been updated.
page 1-34
The "DC Electrical Specifications (VDDP = 2.5 V ±0.2V)" section was updated.
page 1-36
The "DC Electrical Specifications (VDDP = 3.3 V ±0.3 V and VDD = 2.5 V ±0.2 V)" section was
updated.
page 1-38
The "Recommended Operating Conditions" section was updated.
page 1-35
The "ProASICPLUS Clock Management System" section was updated.
page 1-13
Previous version
Changes in current version (v5.2)
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com