Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 66 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 66 Page - ams AG

Back Button AS3658_07 Datasheet HTML 62Page - ams AG AS3658_07 Datasheet HTML 63Page - ams AG AS3658_07 Datasheet HTML 64Page - ams AG AS3658_07 Datasheet HTML 65Page - ams AG AS3658_07 Datasheet HTML 66Page - ams AG AS3658_07 Datasheet HTML 67Page - ams AG AS3658_07 Datasheet HTML 68Page - ams AG AS3658_07 Datasheet HTML 69Page - ams AG AS3658_07 Datasheet HTML 70Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
65 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
ILowtemp0deg_100
k
Low temperature
current for 0 deg limit,
100k NTC
6.32
µA
ntc_type=1
@ 1.8V threshold
284
k
Ω
Hystereses
NTC Current
hystereses
±4%
(approx. 1º .), ntc_hyst=0
±8%
(approx. 2º.), ntc_hyst=1
IHightempADC_10k
Current for ADC
measurement High
temp range, 10k NTC
-7%
234
+7%
µA
ntc_on<1:0>=2, ntc_type=0,
ntc_high_temp=0
IHightempADC_100
k
Current for ADC
measurement High
temp range, 100k NTC
23.6
µA
ntc_on<1:0>=2, ntc_type=1,
ntc_high_temp=0
ILowtempADC_10k
Current for ADC
measurement Low
temp range, 10k NTC
36
µA
ntc_on<1:0>=3, ntc_type=0,
ntc_high_temp=0
ILowtempADC_100
k
Current for ADC
measurement Low
temp range, 100k NTC
3.7
µA
ntc_on<1:0>=3, ntc_type=1,
ntc_high_temp=0
Table 59. Charger supervision bit definitions
Addr:14
Charger supervision
These bits define charging timer and battery temp. supervision settings
Bit
Bit Name
Default Access
Description
3:0
ch_timeout
ROM
R/W
Charging timeout timer
0000b
Charging timeout disabled
0001b
1 hour
0010b
1.5 hour
0011b
2 hour
0100b
2.5 hour
0101b
3 hour
0110b
3.5 hour
0111b
4 hour
1000b
4.5 hour
1001b
5 hour
1010b
5.5 hour
1011b
6 hour
1100b
6.5 hour
1101b
7 hour
1110b
7.5 hour
1111b
8 hour
4
auto_shutdown
ROM
0
(see Reset generator and XON-Key on page 118)
Table 58. NTC Chargersupervision Characteristics, VVBAT=3.0…5.5V; Tamb=–20…+85°C; unless otherwise
specified.
Symbol
Parameter
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com