Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 74 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 74 Page - ams AG

Back Button AS3658_07 Datasheet HTML 70Page - ams AG AS3658_07 Datasheet HTML 71Page - ams AG AS3658_07 Datasheet HTML 72Page - ams AG AS3658_07 Datasheet HTML 73Page - ams AG AS3658_07 Datasheet HTML 74Page - ams AG AS3658_07 Datasheet HTML 75Page - ams AG AS3658_07 Datasheet HTML 76Page - ams AG AS3658_07 Datasheet HTML 77Page - ams AG AS3658_07 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 158 page
background image
Table 62. Step Down DC/DC Bit definitions
Addr:35
Step Down Control1
These bits configures the step down converters
Bit
Bit Name
Default Access
Description
Table 63. Step Down DC/DC Bit definitions
Addr:36
Step Down Control2
These bits configures the step down converters
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
73 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
0
sd1_psw_on
0
R/W
Only if sd1_on = 0, switch on PSW (0.5
Ω PMOS)
1-
0
n/a
2-
0
n/a
3
sd1_nsw_on
0
R/W
Only if sd1_on = 0, switch on NSW (0.5
Ω NMOS)
4
sd2_psw_on
0
R/W
Only if sd2_on = 0, switch on PSW (0.5
Ω PMOS)
5-
0
n/a
6-
0
n/a
7
sd2_nsw_on
0
R/W
Only if sd2_on = 0, switch on NSW (0.5
Ω NMOS)
0
sd3_psw_on
0
R/W
Only if sd3_on = 0, switch on PSW (0.5
Ω PMOS)
1-
0
n/a
2-
0
n/a
3
sd3_nsw_on
0
R/W
Only if sd3_on = 0, switch on NSW (0.5
Ω NMOS)
4
sdX_lpo
0
R/W
Step down low power mode:
0
Increased current consumption in pulseskip mode
1
Decreased current consumption in pulseskip
mode
5
sd1_dis_pon
0
R/W
Step down pon feature control
0
PON feature enabled: 100% duty cycle (pmos
always on) if output voltage drops more than 4%.
Increased output ripple in that operation.
1
PON feature disabled: Maximum dutycycle=1-
(tmin_off*fsw)
6
sd2_dis_pon
0
R/W
Step down pon feature control
0
PON feature enabled: 100% duty cycle (pmos
always on) if output voltage drops more than 4%.
Increased output ripple in that operation.
1
PON feature disabled: Maximum dutycycle=1-
(tmin_off*fsw)
7
sd3_dis_pon
0
R/W
Step down pon feature control
0
PON feature enabled: 100% duty cycle (pmos
always on) if output voltage drops more than 4%.
Increased output ripple in that operation.
1
PON feature disabled: Maximum dutycycle=1-
(tmin_off*fsw)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com