Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 76 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 76 Page - ams AG

Back Button AS3658_07 Datasheet HTML 72Page - ams AG AS3658_07 Datasheet HTML 73Page - ams AG AS3658_07 Datasheet HTML 74Page - ams AG AS3658_07 Datasheet HTML 75Page - ams AG AS3658_07 Datasheet HTML 76Page - ams AG AS3658_07 Datasheet HTML 77Page - ams AG AS3658_07 Datasheet HTML 78Page - ams AG AS3658_07 Datasheet HTML 79Page - ams AG AS3658_07 Datasheet HTML 80Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 158 page
background image
Table 66. Step Down Voltage1 Bit definitions
Addr:00
Step Down Voltage1
These bits control the step down regulator voltage, frequency, clk phase
Bit
Bit Name
Default Access
Description
Table 67. Step Down Voltage2 Bit definitions
Addr:01
Step Down Voltage2
These bits control the step down regulator voltage, frequency, clk phase
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
75 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
6
sd3_on
ROM
R/W
Switch on/off the step down3 dc/dc converter; it is possible
to on/off control DCDC SD3 by CURR3_GPIO3 or
CURR4_GPIO4 (see General Purpose Input / Output
(CURR1_GPIO1 … CURR4_GPIO4) on page 30)
0
Step Down DC/DC 3 off
1
Step Down DC/DC 3 on
5:0
step_down1_v
ROM
R/W
Control the voltage selection for the step down1 DC/DC
converter
000000 0.6 V
…
(LSB=50mV)
111000 – 11111 3.4 V
6
sd1_frequ
ROM
R/W
Select the step down1 frequency
0
fclk_int
(1.6MHz to 2.3 MHz)
1
fclk_int/2 (0.8MHz to 1.15 MHz)
7
sd1_clkinvert
ROM
R/W
Inverts the input clock of the step down1 converter
5:0
step_down2_v
ROM
R/W
Control the voltage selection for the step down2 DC/DC
converter
000000 0.6 V
…
(LSB=50mV)
111000 – 11111 3.4 V
6
sd2_frequ
ROM
R/W
Select the step down2 frequency
0
fclk_int
(1.6MHz to 2.3 MHz)
1
fclk_int/2 (0.8MHz to 1.15 MHz)
7
sd2_clkinvert
ROM
R/W
Inverts the input clock of the step down1 converter
Table 65. Step Down DC/DC Reg Power1 ctrl Bit definitions
Addr:23
Reg Power1 Ctrl
These bits control the on/off function of the step down regulator
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com