Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 26 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 26 Page - ams AG

Back Button AS3658_07 Datasheet HTML 22Page - ams AG AS3658_07 Datasheet HTML 23Page - ams AG AS3658_07 Datasheet HTML 24Page - ams AG AS3658_07 Datasheet HTML 25Page - ams AG AS3658_07 Datasheet HTML 26Page - ams AG AS3658_07 Datasheet HTML 27Page - ams AG AS3658_07 Datasheet HTML 28Page - ams AG AS3658_07 Datasheet HTML 29Page - ams AG AS3658_07 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 158 page
background image
Table 12.
stpup1_det and stpup1_oc Bit definitions
Addr: 53
Low voltage status bit definitions
This register shows the status of the overcurrent protection of the
stepup1dcdc
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
25 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.2
Current Sinks
These are general-purpose current sinks intended to control the backlight(s), buzzer and vibrator. The low voltage
current sink has an integrated protection against over voltage and can therefore also drive inductive loads (VPROTECT).
DCDC_CURR1 and DCDC_CURR2, DCDC_CURR3 are high voltage (15V) current sinks, e.g. for series of white
LEDs
CURR1_GPIO, CURR2_GPIO, CURR3_GPIO, CURR4_GPIO are four 5V, 38.25mA current sinks, e.g. for buzzer,
vibrator, LEDs
CURR1_GPIO, CURR2_GPIO, CURR3_GPIO, CURR4_GPIO can be used as general propose Input/Output (GPIO)
functions optional (described in section General Purpose Input / Output (CURR1_GPIO1 … CURR4_GPIO4)).
7
stpup2_prot
00h
RW
DCDC converter 2 overvoltage protection to prevent
damage of external NFET, if DCDC_CURR1 or
DCDC_CURR2 or DCDC_CURR3 feedback selected, and
no LED string connected:
0
Overvoltage protection disabled
1
Switch off DCDC step up 2 if the voltage on
DCDC_FB2 exceeds 1.25V
6
stpup1_oc
NA
R
Step up overcurrent status bit
0
VRsense < VOVCURRENT
1
VRsense > VOVCURRENT for more than 5 msec (latched
state)
7
stpup1_det
NA
R
Step up detection status register
0
VRsense < VDETECT for more than 1msecond, and
DCDC Step up converter is in Pulseskip for more than
1 millisecond
1
VRsense > VDETECT for more than 1msecond, or the
DCDC Step up converter is not in Pulseskip for more
than 1 millisecond
Table 11. Step Up DC/DC Bit definitions
Addr: 34
Step Up2 DC/DC control
This register controls the different modes of the step up2 DCDC
converter
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com