Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 77 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 77 Page - ams AG

Back Button AS3658_07 Datasheet HTML 73Page - ams AG AS3658_07 Datasheet HTML 74Page - ams AG AS3658_07 Datasheet HTML 75Page - ams AG AS3658_07 Datasheet HTML 76Page - ams AG AS3658_07 Datasheet HTML 77Page - ams AG AS3658_07 Datasheet HTML 78Page - ams AG AS3658_07 Datasheet HTML 79Page - ams AG AS3658_07 Datasheet HTML 80Page - ams AG AS3658_07 Datasheet HTML 81Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 158 page
background image
Table 68. Step Down Voltage3 Bit definitions
Addr:02
Step Down Voltage3
These bits control the step down regulator voltage, frequency, clk phase
Bit
Bit Name
Default Access
Description
Table 69. Step down1 high current and DVM definitions
Addr:17
Charge Pump Control
These bits control the step down high current mode and DVM step size
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
76 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
5:0
step_down3_v
ROM
R/W
Control the voltage selection for the step down3 DC/DC
converter
000000 0.6 V
…
(LSB=50mV)
111000 – 11111 3.4 V
6
sd3_frequ
ROM
R/W
Select the step down3 frequency
0
fclk_int
(1.6MHz to 2.3 MHz)
1
fclk_int/2 (0.8MHz to 1.15 MHz)
7
sd3_clkinvert
ROM
R/W
Inverts the input clock of the step down1 converter
3:2
sd1_dvm_time
ROM
R/W
Time step of DVM voltage change of step down1
If voltage of step down1 (step_down1_v) is changed during
operation, voltage is decreased or increased by 25 mV
steps with the following time separation between steps:
00
0 µsec, immediate change (no DVM)
01
4 µsec
10
8 µsec
11
16 µsec
7:4
sdx_1A_mode
ROM
R/W
Select 1A mode of step down2 (combined operation of SD2
and SD3 with a single coil and up to 1A output current) and/
or controller mode of SD1
1010
1A mode selected Controlled by SD2 The
following pins have to be connected:
VSUPPLY2<->VSUPPLY3, LX2<->LX3, PGND2<-
>PGND3
Stepdown3 is not usable in that mode
1100
External controller mode. LDO DIG1 and current
sink / GPIO CURR1_GPIO1 cannot be used. Set
ldo_dig1_on=0, GPIO1Mode=111b (tristate),
GPIO1Pulls=00b (no pull-up or pull-down)
1101
External controller mode SD1, and 1A mode
controlled by SD2
The following pins have to be connected:
VSUPPLY2<->VSUPPLY3, LX2<->LX3, PGND2<-
>PGND3
Stepdown3 is not usable in that mode
all other codes (0000...1001,1011,1110...1111) normal
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com