Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 27 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 27 Page - ams AG

Back Button AS3658_07 Datasheet HTML 23Page - ams AG AS3658_07 Datasheet HTML 24Page - ams AG AS3658_07 Datasheet HTML 25Page - ams AG AS3658_07 Datasheet HTML 26Page - ams AG AS3658_07 Datasheet HTML 27Page - ams AG AS3658_07 Datasheet HTML 28Page - ams AG AS3658_07 Datasheet HTML 29Page - ams AG AS3658_07 Datasheet HTML 30Page - ams AG AS3658_07 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
26 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.2.1 High voltage Current Sinks (DCDC_CURR1, DCDC_CURR2 and DCDC_CURR3)
Current sinks DCDC_CURR3, DCDC_CURR1 and DCDC_CURR2 can be controlled individually. The step-up DCDC
converter may supply them with voltages up to 15V. If any of these current sinks is used, connected VCURR_GPIO to
a supply with at least 3.0V
Table 13. Current Sinks Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Note
.
Table 14. DCDC_CURR1 Current sink current bit definition
Addr: 39
DCDC_CURR1 Value
This register controls the current value of the dcdc_curr1 current sink
Bit
Bit Name
Default Access
Description
Table 15. DCDC_CURR2 Current sink current bit definition
Addr: 40
DCDC_CURR2 Value
This register controls the current value of the dcdc_curr2 current sink
Bit
Bit Name
Default Access
Description
IDCDC_Curr1,2,3
DCDC_CURR1,2 and
DCDC_CURR3
current, 00h-3Fh
0
38.25
mA
For V(DCDC_CURRx) > 0.45V
resolution = 0.15mA
IDCDC_protect
Current sink protection
Current
2µA
Protection Current if stpup2_on=1
and dcdc_currx_current=00h
Δ
absolute Accuracy
-5
+5
%
All Current sinks
VDCDC_CURR1,
VDCDC_CURR2,
VDCDC_CURR3
Voltage compliance
0.45
15
V
during normal operation
7:0
dcdc_curr1_current
00h
R/W
Defines the current into DCDC_CURR1 if enabled by
dcdc_curr1_ctrl
00h
power down (default state)
01h
0.15mA (LSB)
....
FFh
38.25mA
7:0
dcdc_curr2_current
00h
R/W
Defines the current into DCDC_CURR2 if enabled by
dcdc_curr2_ctrl
00h
power down (default state)
01h
0.15mA (LSB)
....
FFh
38.25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com