Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 56 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 56 Page - ams AG

Back Button AS3658_07 Datasheet HTML 52Page - ams AG AS3658_07 Datasheet HTML 53Page - ams AG AS3658_07 Datasheet HTML 54Page - ams AG AS3658_07 Datasheet HTML 55Page - ams AG AS3658_07 Datasheet HTML 56Page - ams AG AS3658_07 Datasheet HTML 57Page - ams AG AS3658_07 Datasheet HTML 58Page - ams AG AS3658_07 Datasheet HTML 59Page - ams AG AS3658_07 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
55 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
ISTARTmax
Maximum load current
during startup on
Vsupply
5mA
VUVLO
Undervoltage lockout
threshold
–3%
2.7…
3.4
+3%
V
Value is set by ResVoltRise in the Battery
Voltage Monitor register
VCHOFF
Charge termination
threshold
–0.06
3.90…
4.25
+0.06
V
Li+ battery; value is set by ChVoltEOC in
the Charger Config register
VCHRES
Charger resume
voltage
3.85…
4.20
V
Value is set by ChVoltResume in the
Charger Config register. Do not set
VCHRES higher than VCHOFF!
Vcurr_preset
Charger constant
current pre-set voltage
VRESRI
SE
+
100mV
V
VEOC
Charger EOC voltage
3.60
V
If isolate_bat=0; to prevent a system reset
if the battery is removed in EOC operation
Table 46. Charger status Bit definitions
Addr:99
Charger status
These bits show the status of the charger
Bit
Bit Name
Default
Access
Description
0ChDet
NA
R
Bit is set when external charge adapter has been
detected on pin VCHARGER
1ChAct
NA
R
Bit is set when step down charger is operating
(independent of Reg. bit no_charging)
2Resume
NA
R
Bit is set when battery voltage has dropped below resume
level
3
Trickle
NA
R
Bit is set when charger is in trickle charge mode
4CVM
NA
R
Bit is set when charger is in top-off charge mode
(constant voltage mode)
5EOC
NA
R
Bit is set when charging has been terminated. Bit is
cleared automatically when ChEn is cleared, no_charging
is set or charging is resumed.
6NoBat
NA
R
Bit is set when battery detection circuit indicates that no
battery is connected to the system. Detection is started
after EOC and if bit autoresume=1 only. Bit is cleared
automatically when a battery is connected, when DisBDet
is set and/or when ChEn is cleared.
7
ChLinear
NA
R
Bit is set, if Linear charger is detected, and chDet=1. This
state is latched on the rising edge of chDet. Detected if
VOFF_B is connected to ground
Table 45. Charger Characteristics VVBAT=3.0…5.5V; Tamb=–20…+85°C; unless otherwise specified
Symbol
Parameter
Min
Typ
Min
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com