Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 63 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 63 Page - ams AG

Back Button AS3658_07 Datasheet HTML 59Page - ams AG AS3658_07 Datasheet HTML 60Page - ams AG AS3658_07 Datasheet HTML 61Page - ams AG AS3658_07 Datasheet HTML 62Page - ams AG AS3658_07 Datasheet HTML 63Page - ams AG AS3658_07 Datasheet HTML 64Page - ams AG AS3658_07 Datasheet HTML 65Page - ams AG AS3658_07 Datasheet HTML 66Page - ams AG AS3658_07 Datasheet HTML 67Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 158 page
background image
Table 53. DeltaChargerLSB bit definitions
Addr:102
DeltaChargeLSB
These bits represent the LSB value of the fuel gauge Delta charge
register
Bit
Bit Name
Default
Access
Description
Table 54. ElapsedTimeMSB bit definitions
Addr:103
ElapsedTimeMSB
These bits represent the MSB value of the fuel gauge Elapsed Time
register
Bit
Bit Name
Default Access
Description
Table 55. ElapsedTimeLSB bit definitions
Addr:104
ElapsedTimeLSB
These bits represent the LSB value of the fuel gauge Elapsed Time
register
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
62 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.9.3 Charger Operation
The charger controls the battery current through the internal transistor between VSUP_SW1,2 and VBAT_SW1,2, the
step down charger and the battery switch between VSUPPLY and VBAT.
Charge Current Regulator
The regulator is programmed by setting TrickleCurrent and ConstantCurrent in the ChargerCurrent register and yields
a resolution of 0.625mV or 12.5mA when using a sense resistor of 50m
Ω.
Table 56. Charge Current Regulator parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
7:0
DeltaChargeLSB
(00)h
R
The register is maintained in two’s complement format
with a resolution of 3.05µVh and a full-scale value of
±99.98mVh. When using a 50m
Ω current sense resistor
this is equivalent to a resolution of 61.03µAh and a full-
scale value of 1.999Ah. Sign is set for negative values.
Register will be updated after setting bit UpdReq to “1”.
6:0
ElapsedTimeMSB
(00)h
R
The elapsed time count is stored in the register with a
resolution of 0.8788s and a full-scale value of 15.997 hours.
Register will be updated after setting bit UpdReq to “1”.
7
sign
0
R
Sign bit of the elapsed time register
7:0
ElapsedTimeLSB
(00)h
R
The elapsed time count is stored in the register with a
resolution of 0.8788s and a full-scale value of 15.997 hours.
Register will be updated after setting bit UpdReq to “1”.
tMEAS
Measurement period
68.65
ms
fclk_int = 2.2MHz
IMEAS,LSB
0.625
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com