Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 94 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 94 Page - ams AG

Back Button AS3658_07 Datasheet HTML 90Page - ams AG AS3658_07 Datasheet HTML 91Page - ams AG AS3658_07 Datasheet HTML 92Page - ams AG AS3658_07 Datasheet HTML 93Page - ams AG AS3658_07 Datasheet HTML 94Page - ams AG AS3658_07 Datasheet HTML 95Page - ams AG AS3658_07 Datasheet HTML 96Page - ams AG AS3658_07 Datasheet HTML 97Page - ams AG AS3658_07 Datasheet HTML 98Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
93 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.4.3 Parameter
Table 92. Audio DAC/ADC Parameter
Parameter
Min
Typ
Max
Unit
Table 93. I2S Parameter
I2S Inputs and Outputs VI2S=2.9V
Min
Typ
Max
Table 94. DAC_L Register
Addr:77
DAC_L
These bits control the Audio DAC volume and functions
Bit
Bit Name
Default Access
Description
1
0
0
I2S_1 selected, external MCLK on MCLK_1
1
0
1
I2S_1 selected, external MCLK on MCLK_1 (inverted)
1
1
0
I2S_2 selected, external MCLK on MCLK_2
1
1
1
I2S_2 selected, external MCLK on MCLK_2 (inverted)
Analog Performance
Programmable gain DAC input
-43.43
1.07
dB
Programmable gain ADC input
-34.5
12
dB
Gain step size
1.5
dB
DAC THD+Noise at FS
-85
-75
dB
DAC SN/R (20Hz-20kHz, -60dBFS) A-weighted
90
94
dB
DAC Inter channel Mismatch
0.25
dB
ADC SN/R
82
dB
VIL
SCLKx, LRCLKx, SDIx
-
-
0.42V
VIH
SCLKx, LRCLKx, SDIx
1.02V
-
3.3V
VOL
SDOX,SCLK3,LRCLK3,SPDIF,SCLK1,LRCLK1,MCLK1
0V
VOH
SDOX,SCLK3,LRCLK3,SPDIF,SCLK1,LRCLK1,MCLK1
VI2S
4:0
dal_vol
00000b
R/W
volume settings for left DAC input, adjustable in 32 steps @
1.5dB
00000
-40.5 dB gain
00001
-39 dB gain
.....
11110
4.5 dB gain
11111
6 dB gain
5-
-
-
6
dac_mute_off
0
R/W
0
DAC input is set to mute
1
normal operation
Table 91. PLL,MCLK Settings
I2S_mclk_en
I2S_select
mclk_invert
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com