Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 16 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 16 Page - ams AG

Back Button AS3658_07 Datasheet HTML 12Page - ams AG AS3658_07 Datasheet HTML 13Page - ams AG AS3658_07 Datasheet HTML 14Page - ams AG AS3658_07 Datasheet HTML 15Page - ams AG AS3658_07 Datasheet HTML 16Page - ams AG AS3658_07 Datasheet HTML 17Page - ams AG AS3658_07 Datasheet HTML 18Page - ams AG AS3658_07 Datasheet HTML 19Page - ams AG AS3658_07 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
15 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8 Detailed Description-Power Management Functions
The power management function consist of the DCDC Step up converters, Current Sink, GPIOs, general purpose 10
bit ADC, backup battery charger, main battery charger and power path management (consisting of the battery switch,
external step down/linear charger, USB charger and battery charge controller), step down dc/dc converters, low
dropout regulators (LDOs) and 5V charge pump.
8.1
Step Up DC/DC Converters
Figure 3. DC/DC step-up Converter 1
 
 
 
 
 !

!
"
# $
%&
''(%&
!)(
!
*
+,!
,

!)( "
"
" , "



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com