Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 17 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 17 Page - ams AG

Back Button AS3658_07 Datasheet HTML 13Page - ams AG AS3658_07 Datasheet HTML 14Page - ams AG AS3658_07 Datasheet HTML 15Page - ams AG AS3658_07 Datasheet HTML 16Page - ams AG AS3658_07 Datasheet HTML 17Page - ams AG AS3658_07 Datasheet HTML 18Page - ams AG AS3658_07 Datasheet HTML 19Page - ams AG AS3658_07 Datasheet HTML 20Page - ams AG AS3658_07 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
16 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Figure 4. DC/DC step-up Converter 2
Table 5. DC/DC Converter parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
IVDD
Quiescent Current
140
µA
Pulse skipping mode
VFB1
Feedback voltage for external
resistor divider:
1.20
1.25
1.30
V
for constant voltage control
VFB2
Feedback voltage for current
sink regulation
0.5
V
DCDC_CURR1, DCDC_CURR2
or DCDC_CURR3
IDCDC_FB
Additional tuning current at
DCDC_FB
031
µA
adjustable by software in 1µA
steps
Accuracy of feedback current
-5
5
%
@ full scale
Vrsense_max Current limit voltage at Rsense
100
mV
E.g.: 0.65A for 0.15
Ω sense
resistor
RSW
switch resistance
1
Ω
ON-resistance of external
switching transistor
Iload
Load current
0
50
mA
at 15V output voltage
fIN
Switching frequency
fclk_int/
2
MHz
internal CLK frequency/2
Programmable: 0.8 to 1.15 MHz






 !"#$ !%
!
 !
& &'
!
& &(
& )*
%&
+,
-(.
 '
('
& ) /
,0
!0
1
('
(%
) 2*1
3
4 4#5
& )*
(
6
 $
('
(((%&
( (

& &1
'
& &(

#
2 2
7
1 89 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com