Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 25 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 25 Page - ams AG

Back Button AS3658_07 Datasheet HTML 21Page - ams AG AS3658_07 Datasheet HTML 22Page - ams AG AS3658_07 Datasheet HTML 23Page - ams AG AS3658_07 Datasheet HTML 24Page - ams AG AS3658_07 Datasheet HTML 25Page - ams AG AS3658_07 Datasheet HTML 26Page - ams AG AS3658_07 Datasheet HTML 27Page - ams AG AS3658_07 Datasheet HTML 28Page - ams AG AS3658_07 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 158 page
background image
Table 10. Step Up DC/DC Bit definitions
Addr: 33
Step Up1 DC/DC control
This register controls the different modes of the step up1 DCDC
converter
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
24 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
4:0
stpup1_v
00h
R/W
Defines the tuning current at DCDC_fb1 pin;
00000
0 µA
00001
1 µA
.....
11111
31 µA
5
stpup1_clkinv
00h
R/W
Invert input clock of step up1 converter;
0
Use positive edge of internal clk
1
Use negative edge of internal clk
6
stpup1_shortprot
00h
RW
Enables Protection and Detection circuit for DCDC step
up1
0
No protection and load detection
1
Short protection and load detection enabled
7
stpup1_oc_timeout
00h
RW
Controls GPIO1 switch off, after overcurrent timeout (5ms)
for DCDC step up1
0
disabled
1
enabled
Table 11. Step Up DC/DC Bit definitions
Addr: 34
Step Up2 DC/DC control
This register controls the different modes of the step up2 DCDC
converter
Bit
Bit Name
Default Access
Description
4:0
stpup2_v
00h
R/W
Defines the tuning current at DCDC_fb2 pin;
00000
0 µA
00001
1 µA
.....
11111
31 µA
6:5
stpup2_fb
00h
R/W
Controls the feedback source
00
DCDC_FB enabled (external resistor divider)
01
DCDC_CURR1 feedback enabled (feedback
through white LEDs)
10
DCDC_CURR2 feedback enabled (feedback
through white LEDs)
11
DCDC_CURR3 feedback enabled (feedback
through white LEDs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com