Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 14 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 14 Page - ams AG

Back Button AS3658_07 Datasheet HTML 10Page - ams AG AS3658_07 Datasheet HTML 11Page - ams AG AS3658_07 Datasheet HTML 12Page - ams AG AS3658_07 Datasheet HTML 13Page - ams AG AS3658_07 Datasheet HTML 14Page - ams AG AS3658_07 Datasheet HTML 15Page - ams AG AS3658_07 Datasheet HTML 16Page - ams AG AS3658_07 Datasheet HTML 17Page - ams AG AS3658_07 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
13 - 157
AS3658
Data Sheet Confidential - Electrical Characteri stics
6 Electrical Characteristics
Table 4. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
Operating Conditions
VHV
High Voltage
VCHARGER, VGATE,
DCDC_CURR1,DCDC_CURR2,
DCDC_CURR3
0.0
15.0
V
VBAT,
VSUPPLY,
VCURR_GPIO
Battery, Supply Voltage
For pins V_BAT, VSUPPLY1-6
(always connect all VSUPPLY1-6
pins together), VSUP_SW1-2,
VBAT_SW1-2, VRF1_IN, VRF2_IN,
VCP_IN, AVDD, ALVDD
3.0
3.6
5.5
V
V2_5
Voltage on Pin V2_5
Internally generated
2.4
2.5
2.6
V
VCP_OUT
Output Voltage charge pump Voltage generated by charge pump
4.9
5.2
5.6
V
TAMB
Ambient Temperature
-40
25
85
ºC
ILOWPOWER
Low power mode current
consumption
Current consumption in low power
mode with step down charger on
1
1. With register bit low_power_on = 1, only Rf1=3.3V,Vout2=1.2V, Battery 3.6V,Vcharger=6.0V, no additional
external loads
7mA
With step down charger off
2
2. With register bit low_power_on = 0, All regulators switched off, no additional external loads
280
µA
IPOWEROFF
Power Off mode current
consumption
Current consumption in power off
mode
3
3. After setting register bit xon_enable=1 and power_off=1; only V2_5 is active in Power Off mode
4. During startup from the AC/DC adapter, the battery voltage can be below 3.0V
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com