Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 73 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 73 Page - ams AG

Back Button AS3658_07 Datasheet HTML 69Page - ams AG AS3658_07 Datasheet HTML 70Page - ams AG AS3658_07 Datasheet HTML 71Page - ams AG AS3658_07 Datasheet HTML 72Page - ams AG AS3658_07 Datasheet HTML 73Page - ams AG AS3658_07 Datasheet HTML 74Page - ams AG AS3658_07 Datasheet HTML 75Page - ams AG AS3658_07 Datasheet HTML 76Page - ams AG AS3658_07 Datasheet HTML 77Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
72 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
100% PMOS ON mode for low dropout regulation: For low input to output voltage difference the sdX_dis_pon bit
can be set, to allow 100% duty cycle of the PMOS transistor.
Low power mode: The sdX_lpo mode bit can be set all the time. This mode allows internal power down, of not used
blocks during pulseskip mode, which results in a better efficiency at light output loads.
Inductor setting: The step down regulator is optimized for 2.2µH at 2.2MHz and 4.7µH at 1.1MHz
Table 61. Step Down DC/DC Converter parameters
Symbol
Parameter
Min
Typ
Max
Unit
Note
VIN
Input voltage
3.0
5.5
V
PIN VSUPPLY_1,VSUPPLY_2,
VSUPPLY_3
VOUT
Regulated output
voltage
0.6
3.3
V
VOUT_tol
Output voltage
tolerance
-50
+50
mV
output voltage <2.0V
-100
+100
mV
output voltage >2.0V
ILIMIT
Current limit
800
mA
RPSW
P-Switch ON
resistance
0.5
Ω
V_SUPPLYx=3.0V
RNSW
N-Switch ON
resistance
0.5
Ω
V_SUPPLYx=3.0V
Iload
Load current
0
500
mA
fSW
Switching frequency
2.2
MHz
sdX_frequ=0, fclk_int =2.2MHz
1.1
MHz
sdX_frequ=1, fclk_int =2.2MHz
ηeff
Efficiency
90
%
Iout=100mA, Vout=2.3V, Vsup.=3V
IVDD
Current consumption
250
µA
Operating current without load
100
Low power mode current
0.1
Shutdown current
tMIN_ON
Minimum on time
80
ns
tMIN_OFF
Minimum off time
40
ns
External Components
CVSD1-3, CVSD1A
Output capacitor
8.0
10
µF
Ceramic X5R or X7R
CVSUPPLY1-3
Input capacitor
2.2
µF
Ceramic X5R or X7R
4.7
µF
Ceramic X5R or X7R; CVSUPPLY1
in external controller mode or 1A
operating mode
LSD1-SD3
Inductor
2.2
µH
sdX_frequ=0, ± 10% tolerance
4.7
sdX_frequ=1, ± 10% tolerance
2.2
SD1 external controller mode; use
sd1_freq=1 (1.1Mhz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com