Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 45 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 45 Page - ams AG

Back Button AS3658_07 Datasheet HTML 41Page - ams AG AS3658_07 Datasheet HTML 42Page - ams AG AS3658_07 Datasheet HTML 43Page - ams AG AS3658_07 Datasheet HTML 44Page - ams AG AS3658_07 Datasheet HTML 45Page - ams AG AS3658_07 Datasheet HTML 46Page - ams AG AS3658_07 Datasheet HTML 47Page - ams AG AS3658_07 Datasheet HTML 48Page - ams AG AS3658_07 Datasheet HTML 49Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
44 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.7
External Step Down/Linear Charger
The inductive dcdc step down charger (or the external linear charger) converts the input voltage from VCHARGER to
VSUPPLY. The system (DCDC converters, LDOs…) are connected directly to VSUPPLY; the ideal diode and the internal
battery switch SINT (together with the external battery switch MBATSW) connect VSUPPLY to VBAT to allow charging of
the battery.
Figure 14. Step Down Charger Application Diagram with optional reverse polarity and short protection
If the input voltage can be up to 50V additional three transistors and a simple voltage regulator with a zener diode are
required. These circuit ‘isolates’ the AS3658 from the high input voltage and keep the pins VCHARGER, VOFF_B and
VGATE within its operating limits (<15V). The actual circuit is shown in the following figure:

 !"
#$
%&
%
#%#
%
#%
$
'(*
++(*
% ,-
% ,+
. $% ,-
. $% ,+
. $%,
/
.
.
0
11
2
2
34 54
! 4 6
#
& !"
*/ $
-(*
*/ $
-
'78"
*/ $
+
'78"
/
#
/
#
#
*2
20
1 0
/
-
+8"
9
*1:'+
9. $ ,
*1 :'+
**%.
1
 +
9

*1 :'+
%
.
%
.
.
0
1
9
+ -
1
 -
.

- ++;
9
*1 <-+
1
$
&7:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com