Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 54 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 54 Page - ams AG

Back Button AS3658_07 Datasheet HTML 50Page - ams AG AS3658_07 Datasheet HTML 51Page - ams AG AS3658_07 Datasheet HTML 52Page - ams AG AS3658_07 Datasheet HTML 53Page - ams AG AS3658_07 Datasheet HTML 54Page - ams AG AS3658_07 Datasheet HTML 55Page - ams AG AS3658_07 Datasheet HTML 56Page - ams AG AS3658_07 Datasheet HTML 57Page - ams AG AS3658_07 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
53 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
Battery Detection and Restart of Charging:
In EOC state, If the battery voltage drops below VCHRES and the bit AutoResume is set, the battery detection is
started. The battery switch will be switched into current source mode and VSUPPLY will be regulated to Vchlimit (all
charger). The AS3658 measured the battery current with the fuel gauge in this mode. If there is no current, the AS3658
is kept in this state and the bit NoBat is set. Otherwise the bit NoBat is cleared and the charger and the AS3658
continues in battery charging mode. In addition, if the ntc_on<1:0>=01b (NTC temperature supervision is active) the
NoBat bit is cleared and charging is restarted, if a NTC resistor with normal or high temperature is detected.
Overvoltage protection for external linear charger:
During charging with the external linear charger the battery charge controller constantly monitors the voltage of the
charge adapter at pin VCHARGER. In case the charge adapter voltage exceeds VVCHIN,MAX rise for longer than
3mesec and bit ChOVDetEn in the Charger Control register is set to 1, charging is disabled immediately. If the voltage
on the pin VCHARGER drops below VVCHIN,MAX fall, the charger is re-enabled.
Figure 19. Typical charging cycle (step down charger)
VBAT = 2V
VSUPPLY = 4.4V
VCHARGER = 6V
VBAT = Vres_rise (e.g: 3.4V)
VSUPPLY = 4.4V (isolate_bat=1)
VSUPPLY = 4.2V (isolate_bat=0)
VBAT = 4.2V
IBAT = 0mA
IBAT = TrickleCurrent (e.g 200mA)
IBAT = ConstantCurrent (e.g 700mA)
Constantvoltage
EOC
CH_DET = 0
CH_DET = 1
NO_CHARGING = 1
NO_CHARGING = 0
I2C Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com