Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 81 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 81 Page - ams AG

Back Button AS3658_07 Datasheet HTML 77Page - ams AG AS3658_07 Datasheet HTML 78Page - ams AG AS3658_07 Datasheet HTML 79Page - ams AG AS3658_07 Datasheet HTML 80Page - ams AG AS3658_07 Datasheet HTML 81Page - ams AG AS3658_07 Datasheet HTML 82Page - ams AG AS3658_07 Datasheet HTML 83Page - ams AG AS3658_07 Datasheet HTML 84Page - ams AG AS3658_07 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 158 page
background image
Table 79. LDOs Reg Power2ctrl Bit definitions
Addr:30
Reg Power2 Ctrl
These bits control the on/off function of the ldo regulator
Bit
Bit Name
Default Access
Description
www.austriamicrosystems.com
Revision 1v13
80 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption-Power Management Functions
8.12.1 RF LDO’s (VRF_1, VRF_2, VRF_3)
These LDO’s are designed to supply sensitive analogue circuits like LNA’s, Transceivers, VCO’s and other critical RF
components of cellular radios. Another application is the supply of audio devices or as a reference for AD and DA
converters. The design is optimized to deliver the best compromise between quiescent current and regulator
performance for battery powered devices.
Stability is guaranteed with ceramic output capacitors of 1µF ±20% (X5R) or 2.2µF +100/-50% (Z5U) for RF2, RF3 and
2.2µF ±20% (X5R) or 4.7µF +100/-50% (Z5U) for RF1. The low ESR of these caps ensures low output impedance at
high frequencies. Regulation performance is excellent even under low dropout conditions, when the power transistor
has to operate in linear mode. Power supply rejection is high enough to suppress the PA-ripple on the battery in TDMA
systems at the output. The low noise performance allows direct connection of noise sensitive circuits without additional
filtering networks. The low impedance of the power device enables the device to deliver up to IOUT current even at
nearly discharged batteries without any decrease of performance.
With vrf2_lcurr_en=0 and vrf3_lcurr_en=0 the regulator VRF_2, VRF_3 can deliver up to 250mA
With vrf1_lcurr_en=0 the regulator VRF_1 can deliver up to 400mA
0
ldo_rf3_on
ROM
R/W
Switch on control of RF3 LDO; Important: Set rf3_sw=0
before setting ldo_rf3_on=1
1
ldo_dig3_on
ROM
R/W
Switch on control of DIG3 LDO; it is possible to on/off
control LDO DIG_3 by CURR3_GPIO3 or CURR4_GPIO4
(see General Purpose Input / Output (CURR1_GPIO1 …
CURR4_GPIO4) on page 30)’
2
ldo_dig4_on
ROM
R/W
Switch on control of DIG4 LDO
3
rf1_sw
ROM
R/W
If ‘1’ RF1-LDO is operating as High side switch (Ron=1
Ω),
valid if ldo_rf1_on=0
4
rf2_sw
ROM
R/W
If ‘1’ RF2-LDO is operating as High side switch (Ron=1
Ω),
valid if ldo_rf2_on=0
7
rf3_sw
ROM
R/W
If ‘1’ RF3-LDO is operating as High side switch (Ron=1
Ω),
valid if ldo_rf3_on=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com