Electronic Components Datasheet Search
  English  ▼

X  

AS3658 Datasheet(PDF) 106 Page - ams AG

Part # AS3658
Description  Power and Audio Management Unit for Portable Devices
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3658 Datasheet(HTML) 106 Page - ams AG

Back Button AS3658_07 Datasheet HTML 102Page - ams AG AS3658_07 Datasheet HTML 103Page - ams AG AS3658_07 Datasheet HTML 104Page - ams AG AS3658_07 Datasheet HTML 105Page - ams AG AS3658_07 Datasheet HTML 106Page - ams AG AS3658_07 Datasheet HTML 107Page - ams AG AS3658_07 Datasheet HTML 108Page - ams AG AS3658_07 Datasheet HTML 109Page - ams AG AS3658_07 Datasheet HTML 110Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 158 page
background image
www.austriamicrosystems.com
Revision 1v13
105 - 157
AS3658
Data Sheet Confidential - Detail ed Descri ption- Audio Functi ons
9.8
Microphone Input
General
The audio front-end offers one microphone inputs and a low noise microphone voltage supply (microphone bias), voice
activation, microphone connect detection and push button remote control.
Figure 49. Microphone Input Block diagram and External Circuit
Gain Stage & Limiter
The integrated pre-amplifier allows 3 preset gain settings. There is also a limiter which attenuates high input signals
from e.g. electret microphones signal to 1Vp. The AGC has 15 steps with a dynamic range of about 29dB. The AGC is
ON by default but can be disabled by a microphone register bit.
Apart from the microphone pre-amplifier the microphone input signal can further be amplified with 32 @1.5dB
programmable logarithmic gain steps and MUTE. All gains and MUTE are independently programmable. The gain can
be set from –40.5dB to +6dB.
The stage is set to mute by default. If the microphone input is not enabled, the volume settings are set to their default
values. Changing the volume and mute control can only be done after enabling the input.
Supply & Detection
The microphone input generates a supply voltage of 1.5V above AGND. The supply is designed for
≤ 2mA and has a
10mA current limit. In OFF mode the MICS terminal is pulled to AVDD with 30k
Ω. A current of typically 50µA generates
an interrupt to inform the CPU, that a circuit is connected. When using the MICS terminal as ADC-10 input to monitor
external voltage the 30k
Ω pull-up can be disabled.
Remote Control
Fast changes of the supply current of typically 500µA are detected as a remote button press, and an interrupt is
generated.
Voice Activation
Further a built-in voice activation comparator can actuate an interrupt if microphone input voltage of about 5mVRMS is
detected.






!"
#$!% $
# !% $
&
'()*
 +
*+, -
# !
#. ! //
0
1
22
0
1
230
0
1 '

0
1 4

0
1 '
'' 0
0
1 4
22 0
0
1 5
22 0
0
1
''2 0
0
1 6
''2 0
42
*
! //

7# $ /
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com